Electronic Components Datasheet Search
  English  ▼

X  

AF3028 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF3028
Description  Scotch-WeldTM Structural Core SpliceAdhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3028 Datasheet(HTML) 1 Page - 3M Electronics

  AF3028 Datasheet HTML 1Page - 3M Electronics AF3028 Datasheet HTML 2Page - 3M Electronics AF3028 Datasheet HTML 3Page - 3M Electronics AF3028 Datasheet HTML 4Page - 3M Electronics AF3028 Datasheet HTML 5Page - 3M Electronics AF3028 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Scotch-WeldTM
Structural Core SpliceAdhesives
AF 3028 • AF 3028 FR
Introduction
3M™ Scotch-Weld™ Structural Core Splice Adhesives AF 3028 and AF 3028 FR
are 250°F to 350°F (121°C to 176°C) curing, low density, expandable core splice
adhesive films. AF 3028 and AF 3028 FR were designed for filling mismatch areas or
reinforcing and splicing honeycomb core.
Advantages
• Expands during cure for void filling and core splicing
• Low sag during cure
• Low volatile loss during cure
• High performance from -67°F to 350°F (-55°C to 176°C)
• AF 3028 FR has flame retardant properties
• Can be cured/expanded at slow heat up rates
Technical Data
Issue No. 2
Description
AF 3028
AF 3028 FR
Color:
Off White
Off White
Base:
Epoxy
Epoxy
Form:
Unsupported Film
Unsupported Film
Thickness:
50 ± 5 mil
50 ± 5 mil
Weight (approx.):
0.26 lb/ft2
0.27 lb/ft2
Expansion Ratio (approx.):
1.9
2.1
Volatile Loss (250°F [121°C] cure):
Less than 1%
Less than 1%
Uncured Density (approx.):
63 lb/ft3
64 lb/ft3
Available as 10" x 24" flat sheets or as rolls in various length and widths.


Similar Part No. - AF3028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF30 ETC2-AF30 Datasheet
85Kb / 1P
CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
3M Electronics
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
Jun-2002
logo
ABB
AF30-30-00-11 ABB-AF30-30-00-11 Datasheet
55Kb / 3P
AF30-30-00-11 24-60V50/60HZ 20-60VDC Contactor
AF30-30-00-12 ABB-AF30-30-00-12 Datasheet
55Kb / 3P
AF30-30-00-12 48-130V50/60HZ-DC Contactor
AF30-30-00-13 ABB-AF30-30-00-13 Datasheet
55Kb / 3P
AF30-30-00-13 100-250V50/60HZ-DC Contactor
More results

Similar Description - AF3028

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3917 3M-EC-3917 Datasheet
28Kb / 6P
3M Scotch-WeldTM Structural Adhesive Primer
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
Jun-2002
EC-3964 3M-EC-3964 Datasheet
22Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3587 3M-EC-3587 Datasheet
21Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-1945 3M-EC-1945 Datasheet
18Kb / 4P
Scotch-WeldTM Structural Adhesive Primer
Aug-2002
EC-1593 3M-EC-1593 Datasheet
26Kb / 6P
Scotch-WeldTM Structural Adhesive Primer
Aug-2001
AF3185 3M-AF3185 Datasheet
20Kb / 4P
Scotch-WeldTM Structural Adhesive Film
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
May-2002
AF126 3M-AF126 Datasheet
51Kb / 15P
Scotch-WeldTM Structural Adhesive Film
Sep-2002
3550B 3M-3550B Datasheet
160Kb / 8P
Scotch-WeldTM Structural Void Filling Compound
03-Oct-2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com