Electronic Components Datasheet Search
  English  ▼

X  

AF3028 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF3028
Description  Scotch-WeldTM Structural Core SpliceAdhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3028 Datasheet(HTML) 3 Page - 3M Electronics

  AF3028 Datasheet HTML 1Page - 3M Electronics AF3028 Datasheet HTML 2Page - 3M Electronics AF3028 Datasheet HTML 3Page - 3M Electronics AF3028 Datasheet HTML 4Page - 3M Electronics AF3028 Datasheet HTML 5Page - 3M Electronics AF3028 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Scotch-WeldTM
Structural Core Splice Adhesives
AF 3028 • AF 3028 FR
- 3 -
Product Performance
(continued)
6. Tube Shear Strength:
The tube shear strength has been determined on AF 3028 and AF 3028 FR using
the procedure outlined in AdhD Test Method C-280. Tube shear specimens are
prepared by placing 45 ± 0.2 grams of adhesive between the walls of two 9" long
tubes and curing in an oven. After cure, the tubes were cut into 0.5" specimens as
shown below and tested by pushing out the inside tube at a rate of 0.05"/minute.
5. Splice Delamination Strength:
Splice delamination has been determined in accordance with the procedure
outlined in MIL-C-7438F, Paragraph 4.7.9.
Honeycomb Core Used: 5052 alloy-1/4" cell-4.0 mil foil – 1/2" thick non-perf.
Size: 5" x 10" (core ribbon perpendicular to ten inch dimension).
Splice Position: Centered and perpendicular to the 10" dimension running the full width of
the specimen.
Number of Layers: One layer of adhesive.
Cure: 1 hour at 250°F (121°C).
Load Rate: 0.25" per minute.
Test Temperature
AF 3028
AF 3028 FR
75°F (24°C)
110 lbs (490 N)
100 lbs (445 N)
Core Splice Adhesive
Outer Tube – 1" OD, 0.049" thick
5052-0 bare aluminum
Innter Tube – 1/2" OD, 0.049" thick
5052-0 bare aluminum
Test Specimen
Tube Shear =
P (lbs)
0.784 (in2)
P = Force required to push out inner tube.
Cure Cycle A: 250°F (121°C) for 90 minutes, 4-6°F rise rate/minute.
Cure Cycle B: 350°F (176°C) for 60 minutes, 7.5°F rise rate/minute.
Test Results (Typical Averages)
Cure Cycle A
Cure Cycle A
Cure Cycle B
Test Temperature
AF 3028
AF 3028FR
AF 3028
°F
(°C)
psi
(MPa)
psi
(MPa)
psi
(MPa)
-67
(-55)
1100
(7.6)
—
—
—
—
75
(24)
950
(6.5)
1070
(7.4)
1036
(7.1)
180
(82)
950
(6.5)
—
—
—
—
250
(121)
900
(6.2)
—
—
—
—
350
(176)
492
(3.4)
—
—
565
(0.4)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com