Electronic Components Datasheet Search
  English  ▼

X  

AF3028 Datasheet(PDF) 6 Page - 3M Electronics

Part # AF3028
Description  Scotch-WeldTM Structural Core SpliceAdhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3028 Datasheet(HTML) 6 Page - 3M Electronics

  AF3028 Datasheet HTML 1Page - 3M Electronics AF3028 Datasheet HTML 2Page - 3M Electronics AF3028 Datasheet HTML 3Page - 3M Electronics AF3028 Datasheet HTML 4Page - 3M Electronics AF3028 Datasheet HTML 5Page - 3M Electronics AF3028 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Scotch-WeldTM
Structural Core Splice Adhesives
AF 3028 • AF 3028 FR
- 6 -
Printed in U.S.A.
©3M 1999
78-6900-9772-6
Recycled Paper
40% pre-consumer
10% post-consumer
3
Adhesives Division
3M Center, Building 220-8E-05
St. Paul, MN 55144-1000
Phone: 1-800-364-3577 or 651/737-6501
To request additional product information or to arrange for sales assistance, call toll
free (800) 235-2376. Our fax number is (417) 869-5219. Address correspondence to:
3M Aerospace Central, 3211 E. Chestnut Expressway, Springfield, MO 65802.
For Additional
Information
3M MAKES NO WARRANTIES, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. User is
responsible for determining whether the
3M product is fit for a particular purpose and suitable for user’s
method of application. Please remember that many factors can affect the use and performance of a
3M
Adhesives Division product in a particular application. The materials to be bonded with the product, the
surface preparation of those materials, the product selected for use, the conditions in which the product is
used, and the time and environmental conditions in which the product is expected to perform are among
the many factors that can affect the use and performance of a
3M product. Given the variety of factors
that can affect the use and performance of a
3M product, some of which are uniquely within the user’s
knowledge and control, it is essential that the user evaluate the
3M product to determine whether it is fit
for a particular purpose and suitable for the user’s method of application.
Important Notice
If the
3M product is proved to be defective, THE EXCLUSIVE REMEDY, AT 3M’S OPTION, SHALL BE TO
REFUND THE PURCHASE PRICE OF OR TO REPAIR OR REPLACE THE DEFECTIVE
3M PRODUCT.
3M shall not otherwise be liable for loss or damages, whether direct, indirect, special, incidental, or
consequential, regardless of the legal theory asserted, including, but not limited to, negligence, warranty,
or strict liability.
Limitation of Remedies
and Liability
This Adhesives Division product was manufactured under a 3M quality system registered to ISO 9002 standards.
ISO 9002
Refer to Product Label and Material Safety Data Sheet for health and safety information
before using this product. For additional health and safety information, call 1-800-364-
3577 or (651) 737-6501.
Precautionary
Information
Product Application
(continued)
3. Cure Cycle:
A. General
The tack, flow, expansion, and cure initiation temperature for AF 3028 and
AF 3028 FR is a time-temperature relationship and depends upon the rate of
heat input.
Normally, the adhesive will begin to cure when a temperature of 225°F
(107°C) is reached. The rate of heat input affects the degree of expansion.
A minimum cure temperature for 230°F (110°C) is suggested to effect a
useful cure in reasonable length of time (approximately 90 minutes).
Full or partial vacuum applied during cure will cause excessive expansion of
AF 3028 and AF 3028 FR.
Storage and Handling
Storage at 0°F (-18°C) or below is suggested for AF 3028 and AF 3028 FR to obtain
maximum shelf life.
Care must be taken when handling the adhesive at low temperatures because it can
easily crack. Warm the adhesive to ambient conditions in the sealed package to
prevent moisture condensation on the adhesive surface.
3M Standard shelf life of AF 3028 and AF 3028 FR is 6 months from date of
shipment from 3M when stored at 0°F (-18°C) or lower.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com