Electronic Components Datasheet Search
  English  ▼

X  

AF3028 Datasheet(PDF) 5 Page - 3M Electronics

Part # AF3028
Description  Scotch-WeldTM Structural Core SpliceAdhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3028 Datasheet(HTML) 5 Page - 3M Electronics

  AF3028 Datasheet HTML 1Page - 3M Electronics AF3028 Datasheet HTML 2Page - 3M Electronics AF3028 Datasheet HTML 3Page - 3M Electronics AF3028 Datasheet HTML 4Page - 3M Electronics AF3028 Datasheet HTML 5Page - 3M Electronics AF3028 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Scotch-WeldTM
Structural Core Splice Adhesives
AF 3028 • AF 3028 FR
- 5 -
Product Application
The product performance data were developed using the following suggested procedures.
1. Surface Preparation:
A thoroughly cleaned, dry, grease-free surface is recommended for maximum
performance. Cleaning methods which will produce a breakfree water film on
metal surfaces generally satisfactory.
A. Aluminum Skins and Tubes (3M Test Method C-2803 or ASTM D 2651)
1. Alkaline Degrease – Immerse skins in Oakite 164 solution (9-11 oz./gallon
water) at 190 ± 10°F (82 to 93°C) for 15 ± 5 minutes. Rinse in generous
quantities of clear running distilled, deionized, or tap water.
2. Optimized FPL Etch Solution (1 liter)
Material
Amount
Distilled Water
700 ml plus balance of liter (see below)
Sodium Dichromate
28 to 67.3 grams
Sulfuric Acid
287.9 to 310.0 grams
Aluminum Chips
1.5 grams/liter of mixed solution
To prepare 1 liter of this solution, dissolve sodium dichromate in 700 ml of
distilled water. Add sulfuric acid and mix well. Add additional distilled
water to fill 1 liter. Heat mixed solution to 150 to 160°F (66 to 71°C).
Dissolve 1.5 grams of 2024 bare aluminum chips per liter of mixed solution.
Gentle agitation will help aluminum dissolve in about 24 hours.
To FPL etch panels, place them in the above solution at 150 to 160°F (66 to
71°C) for 12 to 15 minutes.
Note: Review and follow safety and precautionary information provided by
chemical supplier prior to preparation of this etch solution.
3. Rinse – Rinse face sheets in clear running tap water.
4. Dry – Air dry 15 minutes; force dry 10 minutes minimum at 140°F (60°C)
maximum.
B. Aluminum Honeycomb Core
1. Soak in clean aliphatic naptha* (to conform to TT-N-95A) for five minutes
at room temperature. Dry 10 minutes at 140°F (60°C) maximum.
2. Optional – Immerse in acid etching solution above in A. for (2) minutes at
155 ± 5°F (66 to 71°C). Rinse, air dry and force dry in similar manner to
skin panels.
*When using solvents, extinguish all ignition sources and follow manufacturer’s
precautions and directions for use.
2. Film:
Care should be taken to avoid contaminating adhesive and cleaned or primed
aluminum by any substance which will hinder wetting action of the adhesive.
A. Film Application
1. Cut portion of film to be used from roll with protective liners in place.
2. Remove liner from one side of the film.
3. Place film on metal or edge or honeycomb core using the remaining liner as
a protective cover.
4. On metal surfaces, roll film into position with a rubber roller to insure that
no air is trapped between film and metal.
5. Remove second protective liner.
6. Assemble parts and cure.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com