Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 4Page - Renesas Technology Corp F0448 Datasheet HTML 5Page - Renesas Technology Corp F0448 Datasheet HTML 6Page - Renesas Technology Corp F0448 Datasheet HTML 7Page - Renesas Technology Corp F0448 Datasheet HTML 8Page - Renesas Technology Corp F0448 Datasheet HTML 9Page - Renesas Technology Corp F0448 Datasheet HTML 10Page - Renesas Technology Corp F0448 Datasheet HTML 11Page - Renesas Technology Corp F0448 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
F0448 Datasheet
© 2018 Integrated Device Technology, Inc.
8
October 24, 2018
Electrical Characteristics
See F0448 Typical Application Circuit. VCC = +5V, TC = +25°C, fRF = 3.6GHz specifications apply when operated as a dual-channel RF DVGA,
maximum gain setting, POUT = 0dBm, ZRFI = ZRFO = 50Ω, Evaluation Board (EVKit) traces and connectors are de-embedded, unless otherwise
stated.
Table 4.
Electrical Characteristics
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Logic Input High
VIH
Applies for all logic levels.
1.07 [a]
V
Logic Input Low
VIL
Applies for all logic levels.
0.63
V
Logic Current
(CLK, DATA, CSb_A, CSb_B,
VCTRL0_A, VCTRL1_A, VCTRL2_A,
VCTRL0_B, VCTRL1_B, VCTRL2_B)
IIH, IIL
-5
5
μA
Logic Current for Standby
(STBY_A, STBY_B) [b]
IIH-SB, IIL-SB
5V logic
-5
127
μA
3.3V logic
-5
87
1.8V logic
-5
47
Supply Current
ICC_2
Both channels on
220
270
mA
ICC_1
One channel on
110
142
ICC_STBY
Standby Mode
7
14
Startup Time
tSTART
50% of STBY going LOW to Gain
within ± 1dB with no attenuation.
74
ns
DSA0 Adjustment Range
AADJ0
6dB step size
6
dB
DSA1 Adjustment Range
AADJ1
1dB step size
23
dB
DSA2 Adjustment Range
AADJ2
6dB step size
18
dB
Maximum Attenuation Glitch
ATTNG
2
dB
DSA0 Gain Settling Time
tDSA0_1
50% CTRL to within 0.1dB final value,
0dB state to 6dB state
24
35
ns
tDSA0_2
50% CTRL to within 0.1dB final value,
6dB state to 0dB state
18
35
DSA1 Gain Settling Time
tDSA1
50% of CSb to within 0.1dB final value
300
ns
DSA2 Gain Settling Time
tDSA2_1
50% CTRL to within 0.1dB final value,
0dB state to 18dB state
16
35
ns
tDSA2_2
50% CTRL to within 0.1dB final value,
18dB state to 0dB state
15
35
DSA0 Phase Settling Time
tDSA0_1_PH 50% CTRL to within 1 degree of final
value, 0dB state to 6dB state
24
35
ns
tDSA0_2_PH 50% CTRL to within 1 degree of final
value, 6dB state to 0dB state
18
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com