Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 6Page - Renesas Technology Corp F0448 Datasheet HTML 7Page - Renesas Technology Corp F0448 Datasheet HTML 8Page - Renesas Technology Corp F0448 Datasheet HTML 9Page - Renesas Technology Corp F0448 Datasheet HTML 10Page - Renesas Technology Corp F0448 Datasheet HTML 11Page - Renesas Technology Corp F0448 Datasheet HTML 12Page - Renesas Technology Corp F0448 Datasheet HTML 13Page - Renesas Technology Corp F0448 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
F0448 Datasheet
© 2018 Integrated Device Technology, Inc.
10
October 24, 2018
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Output Third Order Intercept Point
OIP31
1MHz tone separation
34
37
dBm
OIP32
1MHz tone separation
POUT = -10dBm/tone
33
35
OIP36dB
1MHz tone separation
DSA0 full attenuation
37
OIP33
1MHz tone separation
Worst case over temp range
33
36
OIP318dB
POUT = -18dBm/tone
1MHz tone separation
DSA2 full 18dB attenuation
21
Input 1dB Compression [d]
IP1dB
Full attenuation
24
dBm
Output 1dB Compression
OP1dB
18
dBm
Reverse Isolation
REVISO
19
22
dB
Channel Isolation [e]
CHISO
35
39
dB
Over voltage and temperature
39
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these columns that
are not shown in bold italics are guaranteed by design characterization.
[b] During standby mode, SPI is to be left ON and previous state is maintained when device is powered up.
[c] Including frequency and ripple variations valid within each individual 3GPP band.
[d] Input 1dB compression point is a linearity figure of merit. For maximum RF input power, see Absolute Maximum Ratings.
[e] Signal applied to RFIN_A (RFIN_B), measure desired signal at RFOUT_A (RFOUT_B) and compare to signal level at RFOUT_B (RFOUT_A).
Maximum gain setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com