Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 23Page - Renesas Technology Corp F0448 Datasheet HTML 24Page - Renesas Technology Corp F0448 Datasheet HTML 25Page - Renesas Technology Corp F0448 Datasheet HTML 26Page - Renesas Technology Corp F0448 Datasheet HTML 27Page - Renesas Technology Corp F0448 Datasheet HTML 28Page - Renesas Technology Corp F0448 Datasheet HTML 29Page - Renesas Technology Corp F0448 Datasheet HTML 30Page - Renesas Technology Corp F0448 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
F0448 Datasheet
© 2018 Integrated Device Technology, Inc.
27
October 24, 2018
Standby (STBY) Pin
The Evaluation Board can control the F0448 for standby operation. The standby pin is the center pin of the J4 and J11 header as shown in
Figure 46. VCC (logic HIGH) and ground (logic LOW) pins are available to make a connection with a jumper.
Figure 46. Two Standby Pin Connections
To place channel A in the normal operation mode (on), use one of these options:
Make no connections on J4.
Apply a logic LOW signal to STBY (pin 2 of J4 or the middle pin).
Make a connection between pin 1 (GND) and pin 2 (STBY, the middle pin) of J4.
To place channel A in the standby mode (off), use one of these options:
Apply a logic HIGH signal to the STBY (pin 2 of J4 or the middle pin).
Make a connection between pin 3 (VCC) and pin 2 (STBY, the middle pin) of J4.
To place channel B in the normal operation mode (on), use one of these options:
Make no connections on J11.
Apply a logic LOW signal to STBY (pin 2 of J11 or the middle pin).
Make a connection between pin 1 (GND) and pin 2 (STBY, the middle pin) of J11.
To place channel B in the standby mode (off), use one of these options:
Apply a logic HIGH signal to the STBY (pin 2 of J11 or the middle pin).
Make a connection between pin 3 (VCC) and pin 2 (STBY, the middle pin) of J11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com