Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 5Page - Renesas Technology Corp F0448 Datasheet HTML 6Page - Renesas Technology Corp F0448 Datasheet HTML 7Page - Renesas Technology Corp F0448 Datasheet HTML 8Page - Renesas Technology Corp F0448 Datasheet HTML 9Page - Renesas Technology Corp F0448 Datasheet HTML 10Page - Renesas Technology Corp F0448 Datasheet HTML 11Page - Renesas Technology Corp F0448 Datasheet HTML 12Page - Renesas Technology Corp F0448 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
F0448 Datasheet
© 2018 Integrated Device Technology, Inc.
9
October 24, 2018
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
DSA2 Phase Settling Time
tDSA2_1_PH 50% CTRL to within 1 degree of final
value, 0dB state to 18dB state
16
35
ns
tDSA0_1_PH 50% CTRL to within 1 degree of final
value, 18dB state to 0dB state
15
35
Stability K factor
KFACT
Over entire temperature range
1.4
unit
Serial Clock Speed
SPICLK
10
MHz
CSb_A, CSb_B to first serial clock
rising edge
tLS
SPI 3 wire bus. 50% of CSb falling
edge to 50% of CLK rising edge.
10
ns
Serial Data Hold Time
tH
SPI 3 wire bus. 50% of CLK rising
edge to 50% of Data falling edge.
10
ns
Final serial clock rising edge to CSb
tLC
SPI 3 wire bus. 50% of CLK rising
edge to 50% of CSb rising edge.
10
ns
RF Input Return Loss
RLIN
15
dB
RF Output Return Loss
RLOUT
20
dB
Gain
GMAX
12
13
13.5
dB
GMIN
Maximum attenuation
-38.1
-32
-26.4
GTEMP
Variation over temperature
±0.15
GVAR
Variation over frequency [c]
±0.2
DSA0 Absolute Accuracy
INLDSA0
0.52
dB
DSA1 Step Error
DNLDSA1
0.16
dB
DSA1 Absolute Accuracy
INLDSA1
0.55
dB
DSA2 Step Error
DNLDSA2
0.32
dB
DSA2 Absolute Accuracy
INLDSA2
0.43
dB
Relative Phase DSA0
ΦPH_DSA0
6.6
deg
Phase Deviation DSA1
ΦPH_DSA1
Between adjacent states
3
deg
Relative Phase DSA2
ΦPH_ DSA2 Any State
6.6
deg
Noise Figure
NF
5.9
dB
NFHOT
TEPAD = +105°C
6.6
NF22
DSA1 22dB attenuation
27.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com