Electronic Components Datasheet Search
  English  ▼

X  

F2923 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2923
Description  Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2923 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2923 Datasheet HTML 1Page - Renesas Technology Corp F2923 Datasheet HTML 2Page - Renesas Technology Corp F2923 Datasheet HTML 3Page - Renesas Technology Corp F2923 Datasheet HTML 4Page - Renesas Technology Corp F2923 Datasheet HTML 5Page - Renesas Technology Corp F2923 Datasheet HTML 6Page - Renesas Technology Corp F2923 Datasheet HTML 7Page - Renesas Technology Corp F2923 Datasheet HTML 8Page - Renesas Technology Corp F2923 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
F2923
Rev O 11/9/2015
3
Constant Impedance Absorptive SP2T RF Switch
F2923 RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
3.1
3.5
V
Operating Temperature
Range
TCASE
Case Temperature
-55
+105
OC
RF Frequency Range
FRF
0.3
8000
MHz
RF Continuous
Input Power (CW) 1
PRF
Selected Port (I.L. State)
27
dBm
Unselected Port
2 (Term State)
18
RF1 Port Impedance
ZRF1
50
RF2 Port Impedance
ZRF2
50
RF_COM Port Impedance
ZRF_COM
50
Note 1– See Figure 1 below for RF power handling levels for various conditions.
Note 2– States 1, 2, or 3.
FIGURE 1: MAXIMUM OPERATING RF INPUT POWER VS. RF FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com