Electronic Components Datasheet Search
  English  ▼

X  

F2923 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2923
Description  Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2923 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2923 Datasheet HTML 2Page - Renesas Technology Corp F2923 Datasheet HTML 3Page - Renesas Technology Corp F2923 Datasheet HTML 4Page - Renesas Technology Corp F2923 Datasheet HTML 5Page - Renesas Technology Corp F2923 Datasheet HTML 6Page - Renesas Technology Corp F2923 Datasheet HTML 7Page - Renesas Technology Corp F2923 Datasheet HTML 8Page - Renesas Technology Corp F2923 Datasheet HTML 9Page - Renesas Technology Corp F2923 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
F2923
Constant Impedance Absorptive SP2T RF Switch
6
Rev O 11/9/2015
Table 1 includes 3 states and provides the truth table for 2-pin control input.
Table 1 - Switch Control Truth Table for 3 states using 2 control pins; pin 16 and pin 17
^

Z&
Z&
d>
W
d>
W
Z&
Z& 
Z&
Z& 
>
>
K&&
K&&
>
,
K&&
KE
,
>
KE
K&&
,
,
E
E
Table 2 includes 2 states and provides the truth table for 1-pin control input.
Table 2 - Switch Control Truth Table for 2 states using a single control pin 16
^

Z&
Z&
d>
W
d>
W
Z&
Z& 
Z&
Z& 
,
K&&
KE
>
KE
K&&
Table 3 provides the truth table for selecting the use of either 1 or 2 control pins.
Table 3 - Mode Control (pin 19) Truth table to use either 1 or 2 control pins
W

D
D
d> W
d>
d>
'E
d>
s
Notes:
1.
When RF1 and RF2 ports are both open (State 1), all 3 RF ports are terminated to an internal 50 Ω termination
resistor.
2.
When RF1 or RF2 port is open (State 2 or State 3 OFF condition), the open port is connected to an internal
50Ω termination resistor.
3.
When RF1 or RF2 port is closed (State 2 or State 3 ON condition), the closed port is connected to the
RF_COM port.
TYPICAL OPERATING CURVE CONDITIONS
Unless otherwise noted, the following conditions apply:
•
EVKit loss de-embedded for only insertion loss plots.
•
Vcc = 3.3 V
•
FRF = 2 GHz
•
TAMB = 25
OC
•
Small signal parameters measured with PIN = 0dBm.
•
Two tone tests PIN =+13 dBm/tone with 50 MHz tone spacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com