Electronic Components Datasheet Search
  English  ▼

X  

F2923 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2923
Description  Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2923 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2923 Datasheet HTML 1Page - Renesas Technology Corp F2923 Datasheet HTML 2Page - Renesas Technology Corp F2923 Datasheet HTML 3Page - Renesas Technology Corp F2923 Datasheet HTML 4Page - Renesas Technology Corp F2923 Datasheet HTML 5Page - Renesas Technology Corp F2923 Datasheet HTML 6Page - Renesas Technology Corp F2923 Datasheet HTML 7Page - Renesas Technology Corp F2923 Datasheet HTML 8Page - Renesas Technology Corp F2923 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
F2923
Datasheet
Constant Impedance K
K||ZZ|| SP2T RF Switch
300 kHz to 8000 MHz
F2923, Rev O 11/9/2015
1
GENERAL DESCRIPTION
The F2923 is a low insertion loss 50
SP2T absorptive
RF Switch designed for a multitude of wireless and
other RF applications. This device covers a broad
frequency range from 300 kHz to 8000 MHz. In
addition to providing low insertion loss, industry
leading isolation at 2 GHz and excellent linearity, the
F2923 also includes a patent pending constant
impedance (KZ) feature. KZ minimizes LO pulling in
VCOs and reduces phase and amplitude variations in
distribution networks. It is also ideal for dynamic
switching/selection between two or more amplifiers
while avoiding damage to upstream/downstream
sensitive devices such as PAs and ADCs.
The F2923 uses a single positive supply voltage of
3.3 V supporting three states using either 3.3 V or
1.8 V control logic. An added feature includes a
ModeCTL pin allowing the user to control the device
with either 1-pin or 2-pin control.
COMPETITIVE ADVANTAGE
The F2923 provides constant impedance on all ports
during transitions without compromising isolation,
linearity, or insertion loss.
Constant impedance K
K||ZZ|| during switching transition
VSWR RF_Com port 1.4:1 vs. 9:1 for Standard Switch
Insertion Loss = 0.48 dB*
IIP3: +66 dBm*
RF1/RF2 to RF_COM Isolation = 74 dB*
Extended temperature: -55 °C to +105 °C
Negative supply voltage not required
*2 GHz
APPLICATIONS
•
Base Station 2G, 3G, 4G
•
Portable Wireless
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
WIMAX Receivers and Transmitters
•
Military Systems, JTRS radios
•
RFID handheld and portable readers
•
Cable Infrastructure
•
Wireless LAN
•
Test / ATE Equipment
FEATURES
•
Constant Impedance K
K||ZZ|| during transition
•
Very low insertion loss: 0.48 dB @ 2 GHz
•
High Input IP3: 66 dB @ 2 GHz
•
RF1/RF2 to RF_Com Isolation: 74 dB @ 2 GHz
•
1-pin or 2-pin device control option
•
Low DC current: 127 A using 3.3 V logic
•
Supply voltage: 3.3 V
•
Supports 1.8 V and 3.3 V control logic
•
Extended temperature: -55 °C to +105 °C
•
4 mm x 4 mm, 20-pin TQFN package
•
Pin compatible with F2912
FUNCTIONAL BLOCK DIAGRAM
RF2
RF1
RF_COM
CTL Pins
Mode CTL
50
50
50
ORDERING INFORMATION
F2923NCGI8
Green
Tape &
Reel
RF Product Line


Similar Part No. - F2923

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2923 IDT-F2923 Datasheet
2Mb / 21P
Constant Impedance Kz SP2T RF Switch
F2923NCGI IDT-F2923NCGI Datasheet
2Mb / 21P
Constant Impedance Kz SP2T RF Switch
More results

Similar Description - F2923

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2108-A2S MICRONETICS-NMA2108-A2S Datasheet
163Kb / 2P
Legacy 1 kHz to 300 MHz
logo
Integrated Device Techn...
F2923 IDT-F2923 Datasheet
2Mb / 21P
Constant Impedance Kz SP2T RF Switch
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2910 IDT-F2910 Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
3Mb / 24P
High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2910 RENESAS-F2910_V01 Datasheet
1Mb / 19P
Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
August 31, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com