Electronic Components Datasheet Search
  English  ▼

X  

F2923 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F2923
Description  Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2923 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F2923 Datasheet HTML 1Page - Renesas Technology Corp F2923 Datasheet HTML 2Page - Renesas Technology Corp F2923 Datasheet HTML 3Page - Renesas Technology Corp F2923 Datasheet HTML 4Page - Renesas Technology Corp F2923 Datasheet HTML 5Page - Renesas Technology Corp F2923 Datasheet HTML 6Page - Renesas Technology Corp F2923 Datasheet HTML 7Page - Renesas Technology Corp F2923 Datasheet HTML 8Page - Renesas Technology Corp F2923 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
F2923
Constant Impedance Absorptive SP2T RF Switch
2
Rev O 11/9/2015
ABSOLUTE MAXIMUM RATINGS
Parameter / Condition
Symbol
Min
Max
Unit
Vcc to GND
Vcc
-0.3
+3.9
V
CTL1, CTL2
VCNTL
-0.3
Vcc + 0.3
V
ModeCTL to GND
VMODE
-0.3
Vcc + 0.3
V
RF1, RF2, RF_COM
VRF
-0.3
+0.3
V
Maximum Junction Temperature
TJmax
+140
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
ESD Voltage– HBM (Per JESD22-A114)
VESDHBM
Class 2
ESD Voltage – CDM (Per JESD22-C101)
VESDCDM
Class III
ABS MAX RF POWER AT 2 GHZ WITH TC = +85 °C *
RF1, RF2, RF_COM (RF1 or RF2 is connected to RF_COM, IL States)
+33dBm
RF1, RF2, RF_COM (When port is internally terminated)
+24dBm
ABS MAX RF POWER AT 2 GHZ WITH TC = +105 °C *
RF1, RF2, RF_COM (RF1 or RF2 is connected to RF_COM, IL States)
+33dBm
RF1, RF2, RF_COM (When port is internally terminated)
+21dBm
* Temperature of exposed paddle
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
60 °C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
3.9 °C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com