Electronic Components Datasheet Search
  English  ▼

X  

F2923 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F2923
Description  Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2923 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F2923 Datasheet HTML 5Page - Renesas Technology Corp F2923 Datasheet HTML 6Page - Renesas Technology Corp F2923 Datasheet HTML 7Page - Renesas Technology Corp F2923 Datasheet HTML 8Page - Renesas Technology Corp F2923 Datasheet HTML 9Page - Renesas Technology Corp F2923 Datasheet HTML 10Page - Renesas Technology Corp F2923 Datasheet HTML 11Page - Renesas Technology Corp F2923 Datasheet HTML 12Page - Renesas Technology Corp F2923 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
F2923
Rev O 11/9/2015
9
Constant Impedance Absorptive SP2T RF Switch
TYPICAL OPERATING CONDITIONS (- 3 -)
Isolation vs. Temp [All Off State, RF_COM Driven]
RF_COM Return Loss [All Off State] vs. Temp
Return Loss (During Switching) vs. Time
Isolation vs. Voltage [All Off State, RF_COM Driven]
RF_COM Return Loss [All Off State] vs. Voltage
VSWR (During Switching) vs. Time
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
RF1 Out, -55C
RF2 Out, -55C
RF1 Out, 25C
RF2 Out, 25C
RF1 Out, 105C
RF2 Out, 105C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
-55C
25C
105C
-35
-30
-25
-20
-15
-10
-5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Time (µsec)
RF1 ( RF1 Term to RFCOM ) or RF2 ( RF2 Term to RFCOM )
RF1 ( RFCOM to RF1 Term ) or RF2 ( RFCOM to RF2 Term )
RFCOM ( RF1 to RF2 ) or RFCOM ( RF2 to RF1 )
dZ>
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
RF1 Out, 3.1V
RF2 Out, 3.1V
RF1 Out, 3.3V
RF2 Out, 3.3V
RF1 Out, 3.5V
RF2 Out, 3.5V
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
3.1V
3.3V
3.5V
1
1.2
1.4
1.6
1.8
2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Time (µsec)
RF1 ( RF1 Term to RFCOM ) or RF2 ( RF2 Term to RFCOM )
RF1 ( RFCOM to RF1 Term ) or RF2 ( RFCOM to RF2 Term )
RFCOM ( RF1 to RF2 ) or RFCOM ( RF2 to RF1 )
dZ>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com