Electronic Components Datasheet Search
  English  ▼

X  

F2933 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2933
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2933 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2933 Datasheet HTML 1Page - Renesas Technology Corp F2933 Datasheet HTML 2Page - Renesas Technology Corp F2933 Datasheet HTML 3Page - Renesas Technology Corp F2933 Datasheet HTML 4Page - Renesas Technology Corp F2933 Datasheet HTML 5Page - Renesas Technology Corp F2933 Datasheet HTML 6Page - Renesas Technology Corp F2933 Datasheet HTML 7Page - Renesas Technology Corp F2933 Datasheet HTML 8Page - Renesas Technology Corp F2933 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
F2933
F2933, Rev O 05/04/2016
3
High Reliability SP2T RF Switch
F2933 RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
VDD
2.7
5.5
V
Operating Temp Range
TCASE
Exposed Paddle Temperature
-40
+105
OC
RF Frequency Range
FRF
50
8000
MHz
RF Continuous
Input CW Power
(Non-Switched)
1
PRF
RFC connected to RF1
or RF2
2
TC = 85 ºC
34
dBm
TC = 105 ºC
34
RF1/ RF2 Input
Terminated State
3,4
TC = 85 ºC
27
TC = 105 ºC
27
RF Continuous
Input Power
(RF Hot Switching CW)
1
PRFSW
RFC Input, switching
between RF1 and RF2
TC = 85 ºC
30
dBm
TC = 105 ºC
30
RF1 or RF2 as input,
switched between RFC
and Term.
TC = 85 ºC
27
TC = 105 ºC
27
RF1/2 Port Impedance
ZRFx
50
Ω
RFC Port Impedance
ZRFC
50
Note 1: Levels based on: VDD = 3.1 V to 5.5 V, 50 MHz ≤ FRF ≤ 8000 MHz, ZS = ZL = 50 ohms. See Figure 1 for
power handling derating vs. RF frequency.
Note 2: Input could be: RFC, RF1, or RF2 (applied to only one input).
Note 3: Any RF1 / RF2 termination state. Power level specified is for each port.
Note 4: Power level specified is for each port.
Figure 1: Maximum RF Input Operating Power vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com