Electronic Components Datasheet Search
  English  ▼

X  

F2933 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2933
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2933 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2933 Datasheet HTML 2Page - Renesas Technology Corp F2933 Datasheet HTML 3Page - Renesas Technology Corp F2933 Datasheet HTML 4Page - Renesas Technology Corp F2933 Datasheet HTML 5Page - Renesas Technology Corp F2933 Datasheet HTML 6Page - Renesas Technology Corp F2933 Datasheet HTML 7Page - Renesas Technology Corp F2933 Datasheet HTML 8Page - Renesas Technology Corp F2933 Datasheet HTML 9Page - Renesas Technology Corp F2933 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
F2933
High Reliability SP2T RF Switch
6
F2933, Rev O 05/04/2016
Control Mode
Table 1 - Switch Control Truth Table
VCTL
RFC to RF1
RFC to RF2
0
ON
OFF
1
OFF
ON
TYPICAL OPERATING CONDITIONS (TOC)
Unless otherwise noted for the TOC graphs on the following pages, the following conditions apply.
•
VDD= 3.3 V
•
TC = +25 °C (TC = Temperature of Exposed Paddle)
•
FRF = 2000 MHz
•
ZS = ZL = 50 Ω
•
PIN = +10 dBm for all small signal tests.
•
PIN = +15 dBm/tone applied to RF1 or RF2 port for two tone linearity tests.
•
Two tone frequency spacing = 1 MHz.
•
RF1 or RF2 is the driven RF port and RFC is the output port.
•
All unused RF ports terminated into 50 ohms.
•
For Insertion Loss and Isolation plots, RF trace and connector losses are de-embedded (see
EVKIT Board and Connector loss plot).
•
Plots for Isolation and Insertion Loss over temperature and voltage are for a typical path. For
performance of a specific path, refer to the online S-Parameter file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com