Electronic Components Datasheet Search
  English  ▼

X  

F2933 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F2933
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2933 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F2933 Datasheet HTML 12Page - Renesas Technology Corp F2933 Datasheet HTML 13Page - Renesas Technology Corp F2933 Datasheet HTML 14Page - Renesas Technology Corp F2933 Datasheet HTML 15Page - Renesas Technology Corp F2933 Datasheet HTML 16Page - Renesas Technology Corp F2933 Datasheet HTML 17Page - Renesas Technology Corp F2933 Datasheet HTML 18Page - Renesas Technology Corp F2933 Datasheet HTML 19Page - Renesas Technology Corp F2933 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
F2933
F2933, Rev O 05/04/2016
17
High Reliability SP2T RF Switch
EVKIT OPERATION
External Supply Setup
Set up a VCC power supply in the voltage range of 2.7 V to 5.5 V and disable the power supply output.
Logic Control Setup
Using the EVKIT to manually set the control logic:
On connector J6 connect a 2-pin shunt from pin 3 (VCC) to pin 4 (VLOGIC). This connection provides the
VCC voltage supply to the Eval Board logic control pull up network. Resistors R5 and R6 form a voltage
divider to set the Vhigh level over the 2.7 V to 5.5 V VCC range for manual logic control.
Connector J6 has one logic input pin: VCTL (pin 7). See Table 1 for Logic Truth Table. With the pullup
network enabled (as noted above) this pin can be left open to provide a logic high through pull up resistor
R4. To set a logic low for VCTL connect a 2-pin shunt on J6 from pin 7 (VCTL) to pin 8 (GND).
Note that when using the on board R5 / R6 voltage divider the current draw from the VCC supply will be
higher by approximately VCC / 33k Ω.
Using external control logic:
Pins 3, 4, 5, 6, and 8 of J6 should have no external connection. External logic control is applied to J6 pin 7
(VCTL). See Table 1 for Logic Truth Table.
Turn on Procedure
Setup the supplies and Eval Board as noted in the External Supply Setup and Logic Control Setup
sections above.
Connect the preset disabled VCC power supply to the red VCC loop and ground to GND1 or GND2.
Enable the VCC supply.
Set the desired logic setting using J6 pin 7 (VCTL) to achieve the desired Table 1 setting. Note that
external control logic should not be applied without VCC being present.
Turn off Procedure
If using external control logic for VCTL then set it to a logic low.
Disable the VCC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com