Electronic Components Datasheet Search
  English  ▼

X  

F2933 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F2933
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2933 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F2933 Datasheet HTML 5Page - Renesas Technology Corp F2933 Datasheet HTML 6Page - Renesas Technology Corp F2933 Datasheet HTML 7Page - Renesas Technology Corp F2933 Datasheet HTML 8Page - Renesas Technology Corp F2933 Datasheet HTML 9Page - Renesas Technology Corp F2933 Datasheet HTML 10Page - Renesas Technology Corp F2933 Datasheet HTML 11Page - Renesas Technology Corp F2933 Datasheet HTML 12Page - Renesas Technology Corp F2933 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
F2933
F2933, Rev O 05/04/2016
9
High Reliability SP2T RF Switch
TYPICAL OPERATING CONDITIONS (- 3 -)
EVKIT PCB and Connector Thru Loss
Input IP3 RF1 Port [TC operating = -40C to 105C]
Input P1dB [1GHz] [TC operating = -40C to 105C]
Input IP3 RF2 Port [TC operating = -40C to 105C]
-1
-0.8
-0.6
-0.4
-0.2
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
-40C
25C
105C
20
30
40
50
60
70
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
Frequency (GHz)
RF2, -55C, 2.5V
RF2, -55C, 3.3V
RF2, -55C, 5.5V
RF2, 25C, 2.5V
RF2, 25C, 3.3V
RF2, 25C, 5.5V
RF2, 120C, 2.5V
RF2, 120C, 3.3V
RF2, 120C, 5.5V
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
25 26 27 28 29 30 31 32 33 34 35 36 37 38
Input Power (dBm)
-55C
25C
125C
20
30
40
50
60
70
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
Frequency (GHz)
RF1, -55C, 2.5V
RF1, -55C, 3.3V
RF1, -55C, 5.5V
RF1, 25C, 2.5V
RF1, 25C, 3.3V
RF1, 25C, 5.5V
RF1, 120C, 2.5V
RF1, 120C, 3.3V
RF1, 120C, 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com