Electronic Components Datasheet Search
  English  ▼

X  

F2933 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F2933
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2933 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F2933 Datasheet HTML 12Page - Renesas Technology Corp F2933 Datasheet HTML 13Page - Renesas Technology Corp F2933 Datasheet HTML 14Page - Renesas Technology Corp F2933 Datasheet HTML 15Page - Renesas Technology Corp F2933 Datasheet HTML 16Page - Renesas Technology Corp F2933 Datasheet HTML 17Page - Renesas Technology Corp F2933 Datasheet HTML 18Page - Renesas Technology Corp F2933 Datasheet HTML 19Page - Renesas Technology Corp F2933 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
F2933
High Reliability SP2T RF Switch
16
F2933, Rev O 05/04/2016
APPLICATIONS INFORMATION
Default Start-up
There is no internal pull-up or pull-down resistor on the VCTL pin.
Logic Control
The VCTL pin is used to set the state of the SP2T switch (see Table 1).
Power Supplies
A common VCC power supply should be used for all pins requiring DC power. All supply pins should be
bypassed with external capacitors to minimize noise and fast transients. Supply noise can degrade noise figure
and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or transients should
have a slew rate smaller than 1 V / 20 µs. In addition, all control pins should remain at 0 V (+/-0.3 V) while
the supply voltage ramps or while it returns to zero.
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot,
ringing, etc., the following circuit is recommended at the input of control pin 2 (VCTL). See figure below.
1
4
3
2
12
9
10
11
50Ω
50Ω
VCTL
5k ohm
2pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com