Electronic Components Datasheet Search
  English  ▼

X  

35N03 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # 35N03
Description  N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

35N03 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  35N03 Datasheet HTML 1Page - First Silicon Co., Ltd 35N03 Datasheet HTML 2Page - First Silicon Co., Ltd 35N03 Datasheet HTML 3Page - First Silicon Co., Ltd 35N03 Datasheet HTML 4Page - First Silicon Co., Ltd 35N03 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2015. 07. 18
4/5
Revision No : 0
FTK35N03PDFN33
PDFN3.3x3.3-8L-A Package Outline Dimensions
PDFN3.3x3.3-8L-A Suggested Pad Layout
Note:
1.Controlling dimension:in millimeters.
2.General tolerance:±0.05mm.
3.The pad layout is for reference purposes only.
2.80
0.65
0.40
Top View
[
]
Bottom View
[背
]
Side View
[
]
Min.
Max.
Min.
Max.
A
0 650
0 850
0 026
0.033
A1
A2
D
2 900
3.100
0.114
0.122
D1
2 540
2.740
0.100
0.108
E
2 900
3.100
0.114
0.122
E1
3.150
3.450
0.124
0.136
E2
1 365
1.765
0 054
0 069
b
0 200
0.400
0 008
0 016
e
0 550
0.750
0 022
0 030
L
0 260
0.460
0 010
0 018
L1
0.165
0.465
0 006
0 018
L2
L3
H
0.300
0 500
0 012
0 020
θ
9°
13°
9°
13°
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.152 REF.
0 006 REF.
0~0 05
0~0.002
0~0.100
0~0.004
0~0.100
0~0.004
D
L2
L3
e
b
D1
θ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com