Electronic Components Datasheet Search
  English  ▼

X  

35N03 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # 35N03
Description  N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

35N03 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  35N03 Datasheet HTML 1Page - First Silicon Co., Ltd 35N03 Datasheet HTML 2Page - First Silicon Co., Ltd 35N03 Datasheet HTML 3Page - First Silicon Co., Ltd 35N03 Datasheet HTML 4Page - First Silicon Co., Ltd 35N03 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2015. 07. 18
3/5
Revision No : 0
FTK35N03PDFN33
TYPICAL CHARACTERISTICS
0
1
23
4
5
6
0
20
40
60
80
100
120
25
50
75
100
125
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
345
6
78
9
10
0
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
120
Pulsed Duration=80us
Duty Cycle=0.5%MAX
V
DD
=5V
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
a
=25℃
I
D
=250uA
Threshold Voltage
JUNCTION TEM PERATURE
T
J
( )
℃
200
Pulsed
SOURCE TO DRAIN VOLTAGE
V
SD
(mV)
V
SD
I
S ——
T
a
=100℃
T
a
=25℃
Pulsed
I
D
=12A
R
DS(ON)—— VGS
GATE TO SOURCE VOLTAGE
V
GS
(V)
T
a
=100℃
T
a
=25℃
V
GS
=4.5V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
I
D
——
R
DS(ON)
V
GS
=10V
V
GS
= 4.0V
V
GS
= 10V
V
GS
= 4.5V
V
GS
= 3.5V
Pulsed
Output Characteristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
V
GS
= 5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com