Electronic Components Datasheet Search
  English  ▼

X  

35N03 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 35N03
Description  N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

35N03 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  35N03 Datasheet HTML 1Page - First Silicon Co., Ltd 35N03 Datasheet HTML 2Page - First Silicon Co., Ltd 35N03 Datasheet HTML 3Page - First Silicon Co., Ltd 35N03 Datasheet HTML 4Page - First Silicon Co., Ltd 35N03 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2015. 7. 18
2/5
Revision No : 0
FTK35N03PDFN33
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =250µA
30
V
Zero gate voltage drain current
IDSS
VDS =30V, VGS =0V
1
µA
Gate-body leakage current
IGSS
VDS =0V, VGS =±20V
±100
nA
On characteristics (note1)
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =250µA
1.0
1.6
3.0
V
VGS =4.5V, ID =10A
8.2
9.5
mΩ
Static drain-source on-sate resistance
RDS(on)
VGS =10V, ID =12A
4.8
5.5
mΩ
Forward transconductance
gFS
VDS =10V, ID =12A
30
S
Dynamic characteristics (note 2)
Input capacitance
Ciss
1265
Output capacitance
Coss
600
Reverse transfer capacitance
Crss
VDS =15V,VGS =0V,
f =1MHz
130
pF
Switching characteristics (note 2)
Total gate charge
Qg
19
Gate-source charge
Qgs
2.7
Gate-drain charge
Qgd
VDS=15V, VGS=10V,
ID=12A
2.5
nC
Turn-on delay time
td(on)
18
Turn-on rise time
tr
10
Turn-off delay time
td(off)
34
Turn-off fall time
tf
VDD=15V,ID=12A,
VGS=10V,RG=6Ω
10
ns
Drain-Source Diode Characteristics
Drain-source diode forward voltage
(note1)
VSD
VGS =0V, IS=12A
0.85
1.2
V
Continuous drain-source diode forward
current
(note3)
IS
35
A
Pulsed drain-source diode forward current
ISM
120
A
Notes:
1.
Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
2.
Guaranteed by design, not subject to production.
3.
Surface Mounted on FR4 Board, t ≤ 10 sec.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com