Electronic Components Datasheet Search
  English  ▼

X  

35N03 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # 35N03
Description  N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

35N03 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  35N03 Datasheet HTML 1Page - First Silicon Co., Ltd 35N03 Datasheet HTML 2Page - First Silicon Co., Ltd 35N03 Datasheet HTML 3Page - First Silicon Co., Ltd 35N03 Datasheet HTML 4Page - First Silicon Co., Ltd 35N03 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2015. 07. 18
5/5
Revision No : 0
FTK35N03PDFN33
PDFN3.3x3.3-8L-A Tape and reel
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
5,000 pcs
13 inch
5,000 pcs
336×336×48
40,000 pcs
445×355×365
PDFN3.3×3.3-8L-A Embossed Carrier Tape
PDFN3.3×3.3-8L-A Tape Leader and Trailer
PDFN3.3×3.3-8L-A Reel
Pkg type
PDFN3.3×3.3-8L-A
Dimensions are in millimeter
A
B
C
d
E
F
P0
P
P1
W
3.55
3 55
1.10
Ø1.50
1.75
5.50
4.00
8.00
2.00
12.00
+/-0.10
Packaging Description:
PDFN3.3x3.3-8L-A parts are shipped in tape.
The carrier tape is made from a dissipative (carbon
filled) polycarbonate resin. The cover tape is a
multilayer film (Heat Activated Adhesive in nature)
primarily composed of polyester film, adhesive layer,
sealant, and anti-static sprayed agent. These reeled
parts in standard option are shipped with 5,000 units
per 13" or 33 0 cm diameter reel. The reels are clear
in color and is made of polystyrene plastic (an i-sta ic
coated).
+/-0.10
+/-0.10
+0.10/-0.00
+/-0.10
+/-0 05
+/-0.10
+/-0.10
+/-0 05
(Tolerance)
Reel Option
13''Dia
Dimensions are in millimeter
D
D1
D2
G
W1
W2
Ø330.00
100.00
13.00
1.90
17.60
12.40
Tolerance
+/-1.00
+/-0 50
+/-0 20
+/-0.40
+1.00/-0 00
+1.00/-0 00
Trailer Tape
Leader Tape
51±1 Empty Pockets
51±1 Empty Pockets
Components
+0.30/-0.00
A
P
P1
P0
A-A
D
G
W2
W1
C
A
A
PDFN3.3x3.3-8L-A Package Outline Dimensions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com