Electronic Components Datasheet Search
  English  ▼

X  

35N03 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 35N03
Description  N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

35N03 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  35N03 Datasheet HTML 1Page - First Silicon Co., Ltd 35N03 Datasheet HTML 2Page - First Silicon Co., Ltd 35N03 Datasheet HTML 3Page - First Silicon Co., Ltd 35N03 Datasheet HTML 4Page - First Silicon Co., Ltd 35N03 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTK35N03PDFN33
2015. 7. 18
1/5
Revision No : 0
PDFN3.3×3.3-8L
N-Channel Power MOSFET
DESCRIPTION
The FTK35N03PDFN33 uses advanced trench technology and design
to provide excellent RDS(ON) with low gate charge. It can be used in a
wide variety of applications
FEATURES
High density cell design for ultra low RDS(ON)
Fully characterized avalanche voltage and
current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
Special process technology for high ESD
capability
APPLICATIONS
High side switch in POL DC/DC converter
Secondary side synchronous rectifier
MARKING
EQUIVALENT CIRCUIT
35N03 = Part No.
Solid dot=Pin1 indicator
XXX=Date Code
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
(1)
35
A
Pulsed Drain Current
IDM
120
A
Single Pulsed Avalanche Energy
EAS
(2)
150
mJ
Power Dissipation
PD
1.5
W
Thermal Resistance from Junction to Ambient
RθJA
(1)
83.3
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature Range
Tstg
-55 ~+150
℃
Lead Temperature for Soldering Purposes(1/8’’ from case for 10s)
TL
260
℃
(1).
Mounted on a glass epoxy board of 25.4 mm x 25.4 mm x 0.8 mmt
(2).EAS condition: VDD=15V,L=0.1mH, RG=25
Ω, Starting TJ = 25°C
G
1
2
3
5
6
7
8
S
S
S
D
D
D
D


Similar Part No. - 35N03

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
35N03 FS-35N03 Datasheet
674Kb / 5P
N-Channel Power MOSFET
More results

Similar Description - 35N03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com