Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 12Page - Integrated Device Technology F0502 Datasheet HTML 13Page - Integrated Device Technology F0502 Datasheet HTML 14Page - Integrated Device Technology F0502 Datasheet HTML 15Page - Integrated Device Technology F0502 Datasheet HTML 16Page - Integrated Device Technology F0502 Datasheet HTML 17Page - Integrated Device Technology F0502 Datasheet HTML 18Page - Integrated Device Technology F0502 Datasheet HTML 19Page - Integrated Device Technology F0502 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
16
Rev1, April 2014
IDTF0562NBGI
Datasheet
F0552NBGI
Advance Datasheet
TOCS [SWEPT GAIN, LC MODE, IF = 184MHZ, LS INJECTION] OIP2, CHAN ISO, 2X2 (-7-)
Output IP2 [v Temp]
Channel Isolation [v Temp]
2x2 Rejection [v Temp]
Output IP2 [v LO Power]
Channel Isolation [v LO Power]
2x2 Rejection [v LO Power]
10
20
30
40
50
60
70
80
90
4
6
8
10
12
14
16
18
20
22
24
26
28
Gain Setting (dB) / Pin (dBm)
-40degC / 0dBm / 2.6GHz / Ch A
-40degC / 0dBm / 2.6GHz / Ch B
25degC / 0dBm / 2.6GHz / Ch A
25degC / 0dBm / 2.6GHz / Ch B
105degC / 0dBm / 2.6GHz / Ch A
105degC / 0dBm / 2.6GHz / Ch B
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
15
20
25
30
35
40
45
50
55
60
4
6
8
10
12
14
16
18
20
22
24
26
28
Gain Setting (dB) / Pin (dBm)
-40degC / 0dBm / 2.6GHz / Ch A
-40degC / 0dBm / 2.6GHz / Ch B
25degC / 0dBm / 2.6GHz / Ch A
25degC / 0dBm / 2.6GHz / Ch B
105degC / 0dBm / 2.6GHz / Ch A
105degC / 0dBm / 2.6GHz / Ch B
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
4
6
8
10
12
14
16
18
20
22
24
26
28
Gain Setting (dB) / Pin (dBm)
-40degC / 0dBm / 2.6GHz / Ch A
-40degC / 0dBm / 2.6GHz / Ch B
25degC / 0dBm / 2.6GHz / Ch A
25degC / 0dBm / 2.6GHz / Ch B
105degC / 0dBm / 2.6GHz / Ch A
105degC / 0dBm / 2.6GHz / Ch B
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
10
20
30
40
50
60
70
80
90
4
6
8
10
12
14
16
18
20
22
24
26
28
Gain Setting (dB) / Pin (dBm)
25degC / 3dBm / 2.6GHz / Ch A
25degC / 3dBm / 2.6GHz / Ch B
25degC / 0dBm / 2.6GHz / Ch A
25degC / 0dBm / 2.6GHz / Ch B
25degC / -3dBm / 2.6GHz / Ch A
25degC / -3dBm / 2.6GHz / Ch B
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
15
20
25
30
35
40
45
50
55
60
4
6
8
10
12
14
16
18
20
22
24
26
28
Gain Setting (dB) / Pin (dBm)
25degC / 3dBm / 2.6GHz / Ch A
25degC / 3dBm / 2.6GHz / Ch B
25degC / 0dBm / 2.6GHz / Ch A
25degC / 0dBm / 2.6GHz / Ch B
25degC / -3dBm / 2.6GHz / Ch A
25degC / -3dBm / 2.6GHz / Ch B
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
4
6
8
10
12
14
16
18
20
22
24
26
28
Gain Setting (dB) / Pin (dBm)
25degC / 3dBm / 2.6GHz / Ch A
25degC / 3dBm / 2.6GHz / Ch B
25degC / 0dBm / 2.6GHz / Ch A
25degC / 0dBm / 2.6GHz / Ch B
25degC / -3dBm / 2.6GHz / Ch A
25degC / -3dBm / 2.6GHz / Ch B
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com