Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 4Page - Integrated Device Technology F0502 Datasheet HTML 5Page - Integrated Device Technology F0502 Datasheet HTML 6Page - Integrated Device Technology F0502 Datasheet HTML 7Page - Integrated Device Technology F0502 Datasheet HTML 8Page - Integrated Device Technology F0502 Datasheet HTML 9Page - Integrated Device Technology F0502 Datasheet HTML 10Page - Integrated Device Technology F0502 Datasheet HTML 11Page - Integrated Device Technology F0502 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
8
Rev1, April 2014
IDTF0562NLGI
Datasheet
F0552NBGI
Advance Datasheet
IDTF0562 SPECIFICATION (CONTINUED)
IDTF0562 Typical Application Circuit, when operated as a Sampling IF Receiver, VCC = +5.00V, TC = +25°C,
FRF = 2500 MHz, FIF = 184MHz, FLO = 2316MHz, PLO = 0 dBm, Max gain output power = +3dBm per tone unless
otherwise stated, TDD = LOW.) EVkit IF transformer losses are de-embedded unless otherwise noted.
SPECIFICATION NOTES:
1
– Items in min/max columns in bold italics are Guaranteed by Test using BOM1 components supporting 4:1 output impedance
transformation to 50 ohms
2
– All other Items in min/max columns are Guaranteed by Design Characterization using BOM2 components supporting 2:1 output
impedance transformation to 100 ohms
3
– Matching network changed for 276MHz IF per BOM table values
Parameter
Comment
Symbol
min
typ
max
units
2RF
– 2LO rejection
Max Gain, LCMODE
 Frequency = FRF - ½ FIF
 PRF = -27dBm
2x23
-76
-66
dBc
2RF
– 2LO rejection
17dB reduced gain,
LCMODE
 Frequency = FRF - ½ FIF
 PRF = -10dBm
2x24
-69
-60
dBc
2
nd Harmonic
Max Gain, STDMODE
PRF = -27 dBm
HD21
-80
-70
dBc
2
nd Harmonic
Max Gain, LCMODE
PRF = -27 dBm
HD23
-76
-66
dBc
3rd Harmonic
Max Gain, STDMODE
PRF = -27 dBm
HD31
-93
-80
dBc
3rd Harmonic
Max Gain, LCMODE
PRF = -27 dBm
HD33
-93
-80
dBc
Channel Isolation
Max Gain, STDMODE
IF_B Pout vs. IF_A w/ RF_A
input
ISOC_STD
41
44.5
dB
Channel Isolation
Max Gain, LCMODE
IF_B Pout vs. IF_A w/ RF_A
input
ISOC_LC
41
44.5
dB
LO to IF leakage
Max Gain, STDMODE
ISOLI-1
-45
-39
dBm
LO to IF leakage
Max Gain, LCMODE
ISOLI-3
-47
-40
dBm
RF to IF leakage
Max Gain, STDMODE
PRF = -27 dBm
ISORI-1
-83
-73
dBc
RF to IF leakage
Max Gain, LCMODE
PRF = -27 dBm
ISORI-2
-83
-73
dBc
LO to RF leakage
ISOLR
-37
dBm
RFIN Impedance
Single Ended
ZRFIN
50
Ω
LO Port Impedance
Single Ended
ZLO
50
IF Output Impedance
Differential
ZIF
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com