Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 6Page - Integrated Device Technology F0502 Datasheet HTML 7Page - Integrated Device Technology F0502 Datasheet HTML 8Page - Integrated Device Technology F0502 Datasheet HTML 9Page - Integrated Device Technology F0502 Datasheet HTML 10Page - Integrated Device Technology F0502 Datasheet HTML 11Page - Integrated Device Technology F0502 Datasheet HTML 12Page - Integrated Device Technology F0502 Datasheet HTML 13Page - Integrated Device Technology F0502 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
10
Rev1, April 2014
IDTF0562NBGI
Datasheet
F0552NBGI
Advance Datasheet
TOCS [MAX GAIN, STD MODE, IF = 184MHZ] GAIN, OIP3, OIP2 (-1-)
Gain vs. TCASE [low side inj.]
Output IP3 vs. TCASE [low side inj.]
Output IP2 vs. TCASE [low side inj.]
Gain vs. TCASE [high side inj.]
Output IP3 vs. TCASE [high side inj.]
Output IP2 vs. TCASE [high side inj.]
24
25
26
27
28
29
30
31
32
33
34
144
184
224
144
184
224
144
184
224
144
184
224
144
184
224
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40degC / Channel A
-40degC / Channel B
25degC / Channel A
25degC / Channel B
105degC / Channel A
105degC / Channel B
RF Freq / IF Freq
24
28
32
36
40
44
48
52
56
144
184
224
144
184
224
144
184
224
144
184
224
144
184
224
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40 - Channel A
-40 - Channel B
25 - Channel A
25 - Channel B
105 - Channel A
105 - Channel B
RF Freq / IF Freq
50
55
60
65
70
75
80
85
90
95
100
144
184
224
144
184
224
144
184
224
144
184
224
144
184
224
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40 - Channel A
-40 - Channel B
25 - Channel A
25 - Channel B
105 - Channel A
105 - Channel B
RF Freq / IF Freq
24
25
26
27
28
29
30
31
32
33
34
184
184
184
184
184
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40degC / Channel A
-40degC / Channel B
25degC / Channel A
25degC / Channel B
105degC / Channel A
105degC / Channel B
RF Freq / IF Freq
24
28
32
36
40
44
48
52
56
184
184
184
184
184
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40 - Channel A
-40 - Channel B
25 - Channel A
25 - Channel B
105 - Channel A
105 - Channel B
RF Freq / IF Freq
50
55
60
65
70
75
80
85
90
95
100
184
184
184
184
184
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
-40 - Channel A
-40 - Channel B
25 - Channel A
25 - Channel B
105 - Channel A
105 - Channel B
RF Freq / IF Freq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com