Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 8Page - Integrated Device Technology F0502 Datasheet HTML 9Page - Integrated Device Technology F0502 Datasheet HTML 10Page - Integrated Device Technology F0502 Datasheet HTML 11Page - Integrated Device Technology F0502 Datasheet HTML 12Page - Integrated Device Technology F0502 Datasheet HTML 13Page - Integrated Device Technology F0502 Datasheet HTML 14Page - Integrated Device Technology F0502 Datasheet HTML 15Page - Integrated Device Technology F0502 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
12
Rev1, April 2014
IDTF0562NBGI
Datasheet
F0552NBGI
Advance Datasheet
TOCS [SWEPT GAIN, STD MODE, IF = 184MHZ, LS INJECTION]
GAIN, OIP3, IIP3 (-3-)
Gain [2.4 GHz]
Output IP3 [2.4 GHz]
Input IP3 [2.4 GHz]
Gain [2.6 GHz]
Output IP3 [2.6 GHz]
Input IP3 [2.6 GHz]
2
6
10
14
18
22
26
30
3
5
7
9
11
13
15
17
19
21
23
25
27
Gain Setting (dB) / P
IN (dBm/Tone)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-27
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
-3
15
20
25
30
35
40
45
50
55
3
5
7
9
11
13
15
17
19
21
23
25
27
Gain Setting (dB) / P
IN (dBm/Tone)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-27
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
-3
5
10
15
20
25
30
35
40
3
5
7
9
11
13
15
17
19
21
23
25
27
Gain Setting (dB) / P
IN (dBm/Tone)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-27
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
-3
2
6
10
14
18
22
26
30
3
5
7
9
11
13
15
17
19
21
23
25
27
Gain Setting (dB) / P
IN (dBm/Tone)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-27
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
-3
15
20
25
30
35
40
45
50
55
3
5
7
9
11
13
15
17
19
21
23
25
27
Gain Setting (dB) / P
IN (dBm/Tone)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-27
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
-3
5
10
15
20
25
30
35
40
3
5
7
9
11
13
15
17
19
21
23
25
27
Gain Setting (dB) / P
IN (dBm/Tone)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-27
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com