Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 34 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 34 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 28Page - Integrated Device Technology F0502 Datasheet HTML 29Page - Integrated Device Technology F0502 Datasheet HTML 30Page - Integrated Device Technology F0502 Datasheet HTML 31Page - Integrated Device Technology F0502 Datasheet HTML 32Page - Integrated Device Technology F0502 Datasheet HTML 33Page - Integrated Device Technology F0502 Datasheet HTML 34Page - Integrated Device Technology F0502 Datasheet HTML 35Page - Integrated Device Technology F0502 Datasheet HTML 36Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
34
Rev1, April 2014
IDTF0562NLGI
Datasheet
F0552NBGI
Advance Datasheet
IDTF0562 BOM 1 & 2
Two BOMs are included: BOM1 supports the 4:1 output transformation from 200ohms to 50ohms used for production
test and BOM2 supports the 2:1 output transformation from 200ohms to 100ohms used to generate the typical
operating curve graphs.
BOM1 includes components for 4:1 output transformation supporting production test (IF center frequency 184MHz)
BOM2 includes components for 2:1 output transformation used for TOCs (IF center frequency 184MHz +/ - 40MHz)
F0562 BOM 4:1 IF=184Mhz
Item # Value
Size/Rev Desc
Mfr. Part #
Mfr.
Supplier Part #
Supplier
Part Reference
Qty
1
39pF
0402
CAP CER 39PF 50V 5% C0G 0402
GRM1555C1H390JZ010MURATA
490-1286-1-ND
Digikey
C3,4,19
3
2
10nF
0402
CAP CER 10000PF 16V 10% X7R 0402
GRM155R71C103KA01D
MURATA
490-1313-1-ND
Digikey
C1,2,5,6,7,10,11,14,15,
17, 21,22,26,28,29,30
16
3
1000pF
0402
CAP CER 1000PF 50V C0G 0402
GRM1555C1H102JA01D
MURATA
490-3244-1-ND
Digikey
C9,12,24,27
4
4
0.6pF
0402
CAP CER 0.6pF 50V C0G +/-0.1pF 0402 GJM1555C1HR60BB01D
MURATA
81-GJM1555C1HR60BB01D
Mouser
C8,32
2
5
10uF
0603
CAP CER 10UF 6.3V X5R 0603
GRM188R60J106ME47D
MURATA
490-3896-1-ND
Digikey
C31
1
6
91
0402
RES 91.0 OHM 1/10W 1% 0402 SMD
ERJ-2RKF91R0X
Panasonic
P91.0LCT-ND
Digikey
R15
1
7
180
0402
RES 180 OHM 1/10W 1% 0402 SMD
ERJ-2RKF1800X
Panasonic
P180LCT-ND
Digikey
R16
1
8
100
0402
RES 100 OHM 1/10W 1% 0402 SMD
ERJ-2RKF1000X
Panasonic
P100LCT-ND
Digikey
R22, 23
2
9
1.21K
0402
RES 1.21K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1211X
Panasonic
P1.21KLCT-ND
Digikey
R18
1
10
1.91k
0402
RES 1.91K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1911X
Panasonic
P1.91KLCT-ND
Digikey
R19
1
11
110
0402
RES 110 OHM 1/10W 1% 0402 SMD
ERJ-2RKF1100X
Panasonic
P110LCT-ND
Digikey
R10,21
2
12
3.48K
0402
RES 3.48K OHM 1/10W 1% 0402 SMD
ERJ-2RKF3481X
Panasonic
P3.48KLCT-ND
Digikey
R9,24
2
13
40.2
0402
RES 40.2 OHM 1/10W 1% 0402 SMD
ERJ-2RKF40R2X
Panasonic
P40.2LCT-ND
Digikey
R11,20
2
14
0
0402
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
P0.0JCT-ND
Digikey
R1,2,12,13,14,17,25,L9-
11
15
SMA_END_LAUNCH
.062
SMA_END_LAUNCH (Big)
142-0701-851
Emerson Johnson 530-142-0701-851
Mouser
J1,5,9
3
16
SMA_END_LAUNCH
.062
SMA_END_LAUNCH (small)
142-0711-821
Emerson Johnson 530-142-0711-821
Mouser
J6,12,14
3
17
Header 14 Pin
TH 14
CONN HEADER VERT SGL 14POS GOLDN2514-6002-RB
3M
MHC14K-ND
Digikey
J15
1
18
Header 2 Pin
TH 2
CONN HEADER VERT SGL 2POS GOLD 961102-6404-AR
3M
3M9447-ND
Digikey
J2,3,4,13
4
19
Header 3 Pin
TH 3
CONN HEADER VERT SGL 3POS GOLD 961103-6404-AR
3M
3M9448-ND
Digikey
J7,8,10,11
4
20
1:4 Balun
SM-22
4:1 Center Tap Balun
TC4-1WG2+
Mini Circuits
TC4-1WG2+
Mini Circuits T1,2
2
21
390 nH
0805
0805CS (2012) Ceramic Chip Inductor
0805CS-391XJLB
COILCRAFT
0805CS-391XJLB
COILCRAFT L1-L8
8
22
F0562
TQFN-68 Sampling IF receiver
F0562
IDT
F0562
IDT
U1
1
23
PCB
04
Printed Circuit Board
F0552 EV Kit Rev 04
CC
1
24
DNP
Do Not Populate
C13,25
25
BOM
01
Bill Of Material
Total
76
1/14/2013
F0562 BOM 2:1 IF=184Mhz
Item #
Value
Size/Rev Desc
Mfr. Part #
Mfr.
Supplier Part #
Supplier
Part Reference
Qty
1
39pF
0402
CAP CER 39PF 50V 5% C0G 0402
GRM1555C1H390JZ010MURATA
490-1286-1-ND
Digikey
C3,4,19
3
2
10nF
0402
CAP CER 10000PF 16V 10% X7R 0402 GRM155R71C103KA01D
MURATA
490-1313-1-ND
Digikey
C1,2,5,6,7,10,11,14,
15,17,
16
3
20pF
0402
CAP CER 20pF 50V C0G 0402
GRM1555C1H200JZ01DMURATA
490-1282-1-ND
Digikey
C9,12,24,27
4
4
3pF
0402
CAP CER 3pF 50V C0G 0402
GRM1555C1H3R0CZ01DMURATA
490-3205-1-ND
Digikey
C13,25
2
5
0.6pF
0402
CAP CER 0.6pF 50V C0G +/-0.1pF
GJM1555C1HR60BB01D
MURATA
81-GJM1555C1HR60BB01D
Mouser
C8, 32
2
6
10uF
0603
CAP CER 10UF 6.3V X5R 0603
GRM188R60J106ME47D
MURATA
490-3896-1-ND
Digikey
C31
1
7
91
0402
RES 91.0 OHM 1/10W 1% 0402 SMD
ERJ-2RKF91R0X
Panasonic
P91.0LCT-ND
Digikey
R15
1
8
180
0402
RES 180 OHM 1/10W 1% 0402 SMD
ERJ-2RKF1800X
Panasonic
P180LCT-ND
Digikey
R16
1
9
100
0402
RES 100 OHM 1/10W 1% 0402 SMD
ERJ-2RKF1000X
Panasonic
P100LCT-ND
Digikey
R22, 23
2
10
1.21K
0402
RES 1.21K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1211X
Panasonic
P1.21KLCT-ND
Digikey
R18
1
11
1.91k
0402
RES 1.91K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1911X
Panasonic
P1.91KLCT-ND
Digikey
R19
1
12
110
0402
RES 110 OHM 1/10W 1% 0402 SMD
ERJ-2RKF1100X
Panasonic
P110LCT-ND
Digikey
R10,21
2
13
3.48K
0402
RES 3.48K OHM 1/10W 1% 0402 SMD
ERJ-2RKF3481X
Panasonic
P3.48KLCT-ND
Digikey
R9,24
2
14
40.2
0402
RES 40.2 OHM 1/10W 1% 0402 SMD
ERJ-2RKF40R2X
Panasonic
P40.2LCT-ND
Digikey
R11,20
2
15
0
0402
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
P0.0JCT-ND
Digikey
R1,2,12,13,14,17,25
7
16
SMA_END_LAUNCH .062
SMA_END_LAUNCH (Big)
142-0701-851
Emerson Johnson 530-142-0701-851
Mouser
J1,5,9
3
17
SMA_END_LAUNCH .062
SMA_END_LAUNCH (small)
142-0711-821
Emerson Johnson 530-142-0711-821
Mouser
J6,12,14
3
18
Header 14 Pin
TH 14
CONN HEADER VERT SGL 14POS GOLDN2514-6002-RB
3M
MHC14K-ND
Digikey
J15
1
19
Header 2 Pin
TH 2
CONN HEADER VERT SGL 2POS
961102-6404-AR
3M
3M9447-ND
Digikey
J2,3,4,13
4
20
Header 3 Pin
TH 3
CONN HEADER VERT SGL 3POS
961103-6404-AR
3M
3M9448-ND
Digikey
J7,8,10,11
4
21
2:1 Balun
SM-22
2:1 Center Tap Balun
TC2-72T+
Mini Circuits
TC2-72T+
Mini Circuits T1,2
2
22
390 nH
0805
0805CS (2012) Ceramic Chip Inductor
0805CS-391XJLB
COILCRAFT
0805CS-391XJLB
COILCRAFT L1,2,5,6,
4
23
150nH
0805
0805CS (2012) Ceramic Chip Inductor
0805CS-151XJLB
COILCRAFT
0805CS-151XJLB
COILCRAFT L3,4,7,8
4
24
30nH
0402
0402CS Ceramic Chip Inductor
0402CS-30NXJLU
COILCRAFT
0402CS-30NXJLU
COILCRAFT L9-12
4
25
F0562
TQFN-68
Sampling IF receiver
F0562
IDT
F0562
IDT
U1
1
26
PCB
04
Printed Circuit Board
F0552 EV Kit Rev 04
CC
1
27
BOM
02
Bill Of Material
Total
78
1/14/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com