Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4355
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4355 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4355 Datasheet HTML 2Page - Analog Devices LTC4355 Datasheet HTML 3Page - Analog Devices LTC4355 Datasheet HTML 4Page - Analog Devices LTC4355 Datasheet HTML 5Page - Analog Devices LTC4355 Datasheet HTML 6Page - Analog Devices LTC4355 Datasheet HTML 7Page - Analog Devices LTC4355 Datasheet HTML 8Page - Analog Devices LTC4355 Datasheet HTML 9Page - Analog Devices LTC4355 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4372/LTC4373
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Pin Current at Shutdown
Pin Current at Negative Input
OUT Current at Negative Input
GATE Current
vs Forward Voltage Drop
∆VGATE (Average)
vs GATE Leakage
GATE Turn-Off Time
vs GATE Capacitance
GATE Turn-Off Time
vs Forward Overdrive
UV Threshold
vs Temperature
Load Current vs VFWD
IN = SOURCE, OUT = 50V
ISOURCE
IIN
VIN (V)
0
–5
–10
–15
–20
–25
–30
0
–200
–400
–600
–800
–1000
43723 G11
IN = SOURCE
OUT = 50V
VIN (V)
0
–5
–10
–15
–20
–25
–30
0
50
100
150
200
250
300
43723 G12
IN = SOURCE = 12V
GATE = SOURCE + 3V
∆VSD LOW TO HIGH
∆VSD HIGH TO LOW
∆VSD (mV)
–5
0
5
10 15 20 25 30 35 40
5
0
–5
–10
–15
–20
–25
43723 G13
IN = SOURCE = 5V
IN = SOURCE = 2.5V
IGATE (µA)
0
–5
–10
–15
–20
–25
0
2
4
6
8
10
12
14
16
43723 G14
∆VSD = 50mV STEP TO FINAL ∆VSD
FINAL ∆VSD (V)
0
–0.2
–0.4
–0.6
–0.8
–1
0
1
2
3
43723 G16
VUV HIGH TO LOW
VUV LOW TO HIGH
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.18
1.19
1.20
1.21
1.22
43723 G17
FDMS86101
Si4190ADY
IPB107N20N3G
∆VSD (mV)
0
25
50
75
100
0
2
4
6
8
10
43723 G18
TA = 25°C. IN = SOURCE = 12V, SHDN = 0V,
UV = 2V unless otherwise noted.
IN = SOURCE = 12V
∆VSD = 50mV STEP TO –0.8V
CGATE (nF)
0
2
4
6
8
10
0
250
500
750
1000
vs GATE Capacitance
43723 G15
SHDN = 2V/UV = 0V
IIN
ISOURCE
IOUT
VOLTAGE (V)
0
10
20
30
40
50
60
70
80
0.001
0.01
0.1
1
10
Pin Current at Shutdown
43723 G10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com