Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4355
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4355 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4355 Datasheet HTML 12Page - Analog Devices LTC4355 Datasheet HTML 13Page - Analog Devices LTC4355 Datasheet HTML 14Page - Analog Devices LTC4355 Datasheet HTML 15Page - Analog Devices LTC4355 Datasheet HTML 16Page - Analog Devices LTC4355 Datasheet HTML 17Page - Analog Devices LTC4355 Datasheet HTML 18Page - Analog Devices LTC4355 Datasheet HTML 19Page - Analog Devices LTC4355 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
and ground to clamp IN and SOURCE when they spike neg-
ative. During the input short-circuit transient, D2 diverts the
reverse recovery current in the input parasitic inductances
to ground while COUT does the same for the output para-
sitic inductances. The 100V, FDMS86101 with RDS(ON) =
8mΩ(max) can handle both the 5A load current as well as
the input short-circuit voltage transients.
Figure 14 shows a high voltage application with reverse
battery protection. To handle a potential worst-case
situation of –48V at the input side and 48V at the out-
put side, the BVDSS of the external MOSFET must be
greater than 48V + 48V = 96V with allowance. Choose
the 200V, IPB107N20N3G in the TO-263 package with
RDS(ON) = 10.7mΩ(max).
When IN is –48V and OUTPUT is 48V, D3 breaks down
and clamps IN – GND at about –6V. The MOSFET is held
off and isolates the load from the negative input. D1 and
R7 clamps OUT – GND to about 70V. The combination of
D1, D2, D3 and R7 clamps IN – OUT to about 76V.
During an input short-circuit, M1 drain spikes positive
and IN spikes negative. D2, D3 and D4 commutates the
reverse recovery current in the input parasitic inductances
while COUT does the same for the output parasitic induc-
tances. D1, D2, D3, D4, R7 and R8 clamp IN, SOURCE,
OUT and GND to within their Absolute Maximum Ratings.
During normal ideal diode operation with GATE high, D4,
C3 and C4 help to handle IQ pulsating between 300μA
(charging GATE) and 3.5μA (charge pump sleep mode)
while D1, D2 and D3 draw no current.
LTC4372/LTC4373
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 13. 48V Ideal Diode without Reverse Input Protection
LTC4372
OUT
GATE
SOURCE
IN
INTVCC
43723 F13
VOUT
48V
5A
= 48V
VIN
M1
FDMS86101
COUT
10F
D2
SMAJ70A
70V
SHDN
GND
2UPU
RGND
1k
C1
100nF
Design Examples
The following design example demonstrates the consid-
erations involved in selecting components for a 12V sys-
tem with 20A maximum load current (see Figure 2). First,
choose the N-channel MOSFET. The 80V BSC026N08NS5
with RDS(ON) = 2.6mΩ(max) offers a good solution. The
maximum voltage drop across is:
∆VSD = 20A • 2.6mΩ = 52mV
The maximum power dissipation in the MOSFET is:
P = 20A • 52mV = 1.04W
During input short-circuit voltage transients, using the
GND – GATE clamp to hold GATE should keep IN, SOURCE,
GATE and OUT within their Absolute Maximum Ratings. If
there is a problem with SOURCE to GND shoot through
current during input short-circuits, add a RGND of 100Ω.
Figure 13 shows a high voltage application. For the 48V
system, using the GND – GATE clamp to hold GATE during
input short-circuit voltage transients can exceed IN – OUT’s
–100V absolute maximum voltage. D2 is added between IN
Figure 12. Layout, MS8 and DD8 Package
GND
S
S
S
G
1
2
3
4
8
7
6
5
D
D
D
D
VIN
OUT
VOUT
MOSFET
LTC4372
S
S
S
G
1
2
3
4
8
7
6
5
D
D
D
D
VIN
VOUT
IN, SOURCE
GATE
OUT
MS8
MOSFET
IN, SOURCE
GATE
LTC4372
DD8
GND
COUT
CO
43723 F12
UT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com