Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4355
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4355 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4355 Datasheet HTML 12Page - Analog Devices LTC4355 Datasheet HTML 13Page - Analog Devices LTC4355 Datasheet HTML 14Page - Analog Devices LTC4355 Datasheet HTML 15Page - Analog Devices LTC4355 Datasheet HTML 16Page - Analog Devices LTC4355 Datasheet HTML 17Page - Analog Devices LTC4355 Datasheet HTML 18Page - Analog Devices LTC4355 Datasheet HTML 19Page - Analog Devices LTC4355 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4372/LTC4373
20
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2020
www.analog.com
10/20
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC4352
Ideal Diode Controller
Controls N-Channel MOSFET, 0V to 18V Operation
LTC4353
Dual Ideal Diode Controller
Controls Two N-Channel MOSFETs, 0V to 18V Operation
LTC4355
High Voltage Diode-OR Controller and Monitor
Controls Two N-Channel MOSFETs, 0.4μs Turn-Off, 80V Operation
LTC4357
High Voltage Ideal Diode Controller
Controls N-Channel MOSFET, 0.5μs Turn-Off, 80V Operation
LTC4358
5A Ideal Diode
Internal N-Channel MOSFET, 9V to 26.5V Operation
LTC4359
Ideal Diode Controller with Reverse Input Protection
Controls N-Channel MOSFET, 4V to 80V Operation, –40V Reverse Input
LTC4364
Surge Stopper with Ideal Diode
4V to 80V Operation, –40V Reverse Input, –20V Reverse Output
LTC4371
Dual Negative Voltage Ideal Diode-OR Controller and Monitor Controls Two MOSFETs, 220ns Turn-Off, Withstands > ±300V Transients
LTC4376
7A Ideal Diode with Reverse Input Protection
Internal N-Channel MOSFET, 4V to 40V Operation, –40V Reverse Input
Figure 16. 28V Supply with Voltage Monitoring and Backup Channel
M1
BSC026N08NS5
UNDERVOLTAGE CUTOFF = 24V
UNDERVOLTAGE RECOVERY = 28V
VOUT
28V
10A
COUT
100µF
C1
100nF
R5A
3650k
R5B
200k
R4
200k
IN
UV
GND
INTVCC
UVOUT
SOURCE
U1
LTC4373
GATE OUT
IN
2UPU
GND
INTVCC
SHDN
SOURCE
U2
LTC4372
GATE
OUT
43723 F16
VIN
28V
M3
BSC026N08NS5
VBACKUP
23V
RGND
1k
C2
100nF
D4
1N4148W
R1
10
M2
BSC026N08NS5
R9
100k
R6
2150k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com