Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4355
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4355 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4355 Datasheet HTML 9Page - Analog Devices LTC4355 Datasheet HTML 10Page - Analog Devices LTC4355 Datasheet HTML 11Page - Analog Devices LTC4355 Datasheet HTML 12Page - Analog Devices LTC4355 Datasheet HTML 13Page - Analog Devices LTC4355 Datasheet HTML 14Page - Analog Devices LTC4355 Datasheet HTML 15Page - Analog Devices LTC4355 Datasheet HTML 16Page - Analog Devices LTC4355 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4372/LTC4373
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 7. LTC4372/LTC4373 Handling Reverse Input
Figure 8. Redundant Power Supplies
LTC4372
U1A
OUT
GATE
INA
SOURCE
IN
43723 F08
M1A
Si4190ADY
POWER
SUPPLY
A
COUT
100µF
LTC4372
U1B
OUT
GATE
INB
SOURCE
IN
M1B
Si4190ADY
POWER
SUPPLY
B
+
–
+
–
SHDN INTVCC
GND
2UPU
2UPU
RGNDB
100
C1B
100nF
SHDN INTVCC
GND
RGNDA
100
C1A
100nF
Figure 9. Load Transition of Redundant Power Supplies
MOSFET. The LTC4372/LTC4372 sense this reverse cur-
rent and activate a fast pull-down to quickly turn off the
MOSFET.
If all the load current was supplied by the channel that
suffered the short, the output will fall until the body diode
of the next MOSFET conducts. Meanwhile, the LTC4372/
LTC4372 charge the MOSFET gate with 20μA until the
forward drop is reduced to 30mV. If this supply was shar-
ing load current at the time of the fault, its associated
ORing MOSFET was already servoed to less than 30mV
drop. In this case, the LTC4372/LTC4372 will simply drive
the MOSFET gate higher to maintain a drop of 30mV at
full load.
Load sharing can be accomplished if both power sup-
ply output voltages and source impedances are nearly
equal. The 30mV regulation technique allows load sharing
between outputs. The degree of sharing is a function of
MOSFET RDS(ON), the source impedance of the supplies
and their initial output voltages.
1s/DIV
43723 F07
I(M1)
2A/DIV
SOURCE
20V/DIV
GATE
20V/DIV
OUT
1V/DIV
VGATE-SOURCE
10V/DIV
INA, INB
50mV/DIV
GATEA,
GATEB
2V/DIV
5V
5V
50ms/DIV
INA
INB
GATEA
GATEB
43723 F09a
50ms/DIV
IGATEA(LEAKAGE)= IGATEB(LEAKAGE)=100nA
43723 F09b
I(M1A)
0.5A/DIV
I(M1B)
0.5A/DIV
OUT
50mV/DIV
5V
0A
0A
(a)
(b)
Paralleling Supplies
Multiple LTC4372/LTC4373’s can be used to combine the
outputs of two or more supplies for redundancy or for
droop sharing, as shown in Figure 8. For redundant sup-
plies, the supply with the highest output voltage sources
most or all of the load current. Figure 9a and Figure 9b
show the load transition between the two redundant
power supplies.
If the higher supply’s input is shorted to ground while
delivering load current, the flow of current temporarily
reverses and flows backwards through the higher supply’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com