Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4355
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4355 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4355 Datasheet HTML 10Page - Analog Devices LTC4355 Datasheet HTML 11Page - Analog Devices LTC4355 Datasheet HTML 12Page - Analog Devices LTC4355 Datasheet HTML 13Page - Analog Devices LTC4355 Datasheet HTML 14Page - Analog Devices LTC4355 Datasheet HTML 15Page - Analog Devices LTC4355 Datasheet HTML 16Page - Analog Devices LTC4355 Datasheet HTML 17Page - Analog Devices LTC4355 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4372/LTC4373
14
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Using the LTC4372’s SHDN and 2UPU
When SHDN goes high, the LTC4372 enters shutdown
and asserts a 1mA pull-down between GATE and SOURCE
to turn off the external MOSFET. It also turns off most of
the internal circuitry, reducing IIN to 0.5μA. GATE is held
low with a 3μA pull-down to GND. If IN and SOURCE are
connected together, IQ = 3.0μA + 0.5μA = 3.5μA.
Shutting down the part does not interrupt forward current
flow as a path is still present through M1’s body diode. A
second MOSFET may be added to block the forward path
(see Figure 10). In this case, GATE and SOURCE are pulled
to GND during shutdown. The 3μA pull-down on GATE is
pinched off and IQ = 0.5μA. With back-to-back MOSFETs,
SHDN serves as an on/off control for the forward path,
as well as enabling the diode function. When SHDN is
driven low, the LTC4372 exits shutdown and re-enters
ideal diode operation.
If SHDN is not needed, connect it to GND. SHDN may
be driven with a 3.3V or 5V logic signal. It can also be
driven with an open-drain or collector output with SHDN
tied to 2UPU. 2UPU provides an internal pull up current
Figure 10. 24V Load Switch and Ideal Diode with Inrush Control
and Reverse Input Protection
Load Switching and Inrush Control
By adding a second MOSFET as shown in Figure 10, the
LTC4372/LTC4373 can be used to control power flow in
the forward direction while retaining ideal diode behav-
ior in the reverse direction. The body diodes of M1 and
M2 prohibit current flow when the MOSFETs are off. M1
serves as the ideal diode while M2 acts as a switch to
control forward power flow. ON/OFF control is provided
by SHDN or UV. C2 and R2 may be added to further reduce
inrush current. While C2 and R2 may be omitted if soft
starting is not needed. R1 is necessary to prevent MOSFET
parasitic oscillations and must be placed close to M2.
When SHDN is driven low or UV driven high and
∆VDS > 30mV, GATE sources 20μA and gradually charges
C2, pulling up both MOSFET gates. M2 operates as a
source follower as shown in Equation 4.
IINRUSH=
COUT
C2
• 20µA
(4)
If ∆VDS ≤ 30mV, the LTC4372/LTC4373 stay activated but
holds M1 and M2 off until the input exceeds the output by
30mV. In this way normal diode behavior of the circuit is
preserved, but with soft starting when the diode turns on.
When SHDN is driven high or UV driven low, GATE pulls
the MOSFET gates down quickly to SOURCE with a 1mA
pull-down. Both forward and reverse paths are cut off and
IQ is reduced to 0.5μA.
Configuring LTC4373’s UV and UVOUT for Voltage
Monitoring
With back-to-back MOSFETs, the LTC4373 can imple-
ment voltage monitoring at IN. Connect a resistive voltage
divider between IN and ground to bias UV. UV has a high
to low threshold of 1.191V with 15mV of hysteresis. The
UV hysteresis is around 1.3% referred to VUV.
When UV ramps high to low, the LTC4373 enters under-
voltage mode and asserts a 1mA pull-down between GATE
and SOURCE to turn off the external MOSFETs. It also turns
off most of the internal circuitry, reducing IQ to 0.5μA.
When UV ramps low to high, the LTC4373 exits under-
voltage mode and goes back into ideal diode operation.
R1
10
R2
1k
C1
100nF
M3
BSS138N
D3
SMAJ28A
28V
D2
SMAJ33A
33V
VOUT
24V
10A
VIN
24V
COUT
10µF
C2
10nF
IN
2UPU
GND
INTVCC
SHDN
SOURCE
LTC4372
GATE
OUT
43723 F10
ON
OFF
M2
BSC026N08NS5
M1
BSC026N08NS5
of 2μA to INTVCC. For higher pull-up currents, connect a
resistor from SHDN to INTVCC (capable of supplying up
to 10μA) or IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com