Electronic Components Datasheet Search
  English  ▼

X  

LTC4444 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4444
Description  100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4444 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4444 Datasheet HTML 4Page - Analog Devices LTC4444 Datasheet HTML 5Page - Analog Devices LTC4444 Datasheet HTML 6Page - Analog Devices LTC4444 Datasheet HTML 7Page - Analog Devices LTC4444 Datasheet HTML 8Page - Analog Devices LTC4444 Datasheet HTML 9Page - Analog Devices LTC4444 Datasheet HTML 10Page - Analog Devices LTC4444 Datasheet HTML 11Page - Analog Devices LTC4444 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC7060
8
Rev. A
For more information www.analog.com
TIMING DIAGRAM
EN
PWM
TG
BG
90%
10%
r(TG)
t
PLH(TG)
t
10%
90%
f(BG)
t
PHL(BG)
t
VIL(BG)
VENF
90%
tPL(EN)
10%
tPH(EN)
ENR
V
tr(BG)
tPLH(BG)
t
tf(TG)
PHL(TG)
VIL(BG)
VIL(TG)
PHL(BG)
t
7060 TD
TG HIGH
TG HIGH
VIH(TG)
VIL(BG)
VIL(TG)
VIH(BG)
PWM
TG LOW
TG LOW
BG LOW
BG HIGH
7060 F01
BG LOW
BG HIGH
Figure 1. Three-State PWM Operation
OPERATION
OVERVIEW
The LTC7060 receives a ground-referenced, low volt-
age digital PWM signal to drive two N-channel power
MOSFETs in a half-bridge configuration. The gate of the
low side MOSFET is driven high or low, swinging between
BGVCC and BGRTN, depending on the state of the PWM
pin. Similarly, the gate of the high side MOSFET is driven
complimentary to the low side MOSFET, swinging between
BST and SW.
Both the low side and high side drivers are floating gate
drivers. The unique double floating architecture makes the
gate driver outputs robust and less sensitive to ground
noise. The symmetric design allows the half-bridge output
to be inverting or non-inverting of the input logic.
VCC SUPPLY
VCC is the power supply for the LTC7060’s internal circuitry.
An internal 4.5V supply is generated from the VCC supply
to bias most of the internal circuits referred to SGND. The
VCC pin may be tied to the BGVCC pin if SGND and BGRTN
are at the same potential. VCC is independent of VIN.
INPUT STAGE (PWM, EN)
The LTC7060 employs a three-state PWM input with
fixed transition thresholds. The relationship between
the transition thresholds and three input states of the
LTC7060 is illustrated in Figure 1. When the voltage on
PWM is greater than the threshold VIH(TG), TG is pulled up
to BST, turning the high side MOSFET on. This MOSFET
will stay on until PWM falls below VIL(TG). Similarly, when
PWM is less than VIH(BG), BG is pulled up to BGVCC, turn-
ing the low side MOSFET on. BG will stay high until PWM
increases above the threshold VIL(BG).
The hysteresis between the corresponding VIH and VIL
voltage levels eliminates false triggering due to the noise
during switch transitions. However, care should be taken
to keep noise from coupling into the PWM pin, particularly
in high frequency, high voltage applications.
The thresholds are positioned to allow for a region in
which both BG and TG are low. An internal resistor divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com