Electronic Components Datasheet Search
  English  ▼

X  

LTC4444 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4444
Description  100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4444 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4444 Datasheet HTML 6Page - Analog Devices LTC4444 Datasheet HTML 7Page - Analog Devices LTC4444 Datasheet HTML 8Page - Analog Devices LTC4444 Datasheet HTML 9Page - Analog Devices LTC4444 Datasheet HTML 10Page - Analog Devices LTC4444 Datasheet HTML 11Page - Analog Devices LTC4444 Datasheet HTML 12Page - Analog Devices LTC4444 Datasheet HTML 13Page - Analog Devices LTC4444 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC7060
10
Rev. A
For more information www.analog.com
OPERATION
The LTC7060 contains both undervoltage and overvoltage
lockout detectors that monitor the VCC supply. When VCC
falls below 5.3V or rises above 14.6V, BG and TG pins are
pulled to BGRTN and SW, respectively, turning off both
the external MOSFETs. When VCC has adequate supply
voltage but less than the overvoltage threshold, normal
operation will resume.
Additional undervoltage lockout circuitry is included in
each floating driver supply. The BG will be pulled down to
BGRTN when the floating voltage from BGVCC to BGRTN
falls below 3.3V. Similarly, the TG will be pulled down
to SW when the floating voltage from BST to SW is less
than 3.3V.
The normal operation and undervoltage/overvoltage logic
table is shown in Table 1.
Table 1. Normal Operation and Undervoltage/Overvoltage Logic
PWM
EN
VCC
UVLO or
OVLO
(BST-SW)
UVLO
(BGVCC-
BGRTN)
UVLO
TG
BG
X
L
X
X
X
L
L
X
X
Y
X
X
L
L
L
H
N
X
N
L
H
L
H
N
X
Y
L
L
H
H
N
N
X
H
L
H
H
N
Y
X
L
L
HIGH-Z
H
X
X
X
L
L
Note: “X” means "Don't Care"
ADAPTIVE SHOOT-THROUGH PROTECTION
Internal adaptive shoot-through protection circuitry moni-
tors the external MOSFETs to ensure that they do not
conduct simultaneously. The LTC7060 does not allow the
bottom MOSFET to turn on until the gate-source voltage
on the top MOSFET is sufficiently low, and vice-versa. This
feature improves efficiency and reliability by eliminating
potential shoot-through current through the MOSFETs
during switching transitions.
PROGRAMMABLE DEAD-TIME
To ensure robust shoot-through protection in high voltage
half-bridge configuration and switched capacitor converter
applications, the LTC7060 provides a DT pin which can
be used to program the propagation delay during BG/TG
low to TG/BG high transition (Dead-Time). An external
resistor (RDT) from the DT pin to the SGND equally sets
both the BG low to TG high propagation delay and the TG
low to BG high propagation delay. Their relationship can
be seen in Figure 3. The Dead-Time can be estimated by
the following equation when the RDT is less than 100kΩ:
Dead-Time = RDT • 0.44ns/kΩ + 32ns
If the DT pin is shorted to SGND, the Dead-Time is 32ns.
If the DT Pin is floating, the Dead-Time is around 250ns.
RDT (kΩ)
0
20
40
60
80
100
30
40
50
60
70
80
7060 F03
Figure 3. Dead-Time vs RDT
FAULT FLAG
The FLT pin is connected to the open-drain of an internal
N-channel MOSFET. It needs a pull-up resistor (e.g. 51k)
tied to a supply such as VCC or any other bias voltage up
to 15V. The FLT pin is pulled low to SGND immediately if
any of these conditions are met:
a. The VCC is below its UVLO threshold or above its
OVLO threshold.
b. (BGVCC-BGRTN) is below its UVLO threshold.
c. (BST-SW) is below its UVLO threshold.
d. The junction temperature reaches approximately
180°C.
When all the faults are cleared, the FLT pin is pulled up by
the external resistor after a built-in 100µs delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com