Electronic Components Datasheet Search
  English  ▼

X  

LTC4444 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4444
Description  100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4444 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4444 Datasheet HTML 5Page - Analog Devices LTC4444 Datasheet HTML 6Page - Analog Devices LTC4444 Datasheet HTML 7Page - Analog Devices LTC4444 Datasheet HTML 8Page - Analog Devices LTC4444 Datasheet HTML 9Page - Analog Devices LTC4444 Datasheet HTML 10Page - Analog Devices LTC4444 Datasheet HTML 11Page - Analog Devices LTC4444 Datasheet HTML 12Page - Analog Devices LTC4444 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC7060
9
Rev. A
For more information www.analog.com
OPERATION
sets the PWM pin voltage into this region if the signal
driving the PWM pin goes into a high impedance state.
The EN pin can also be used to keep both BG and TG low
if the high impedance state is not available from the PWM
driving signal. Driving the EN pin low keeps both TG and
BG off, and driving the EN pin high enables TG and BG
switching based on the PWM input. There is an internal
2MΩ pull-down resistor from the EN pin to SGND, keep-
ing the EN default state low if its input is not driven.
Both three-state PWM and EN pin can be used by the
controller IC to perform the Discontinuous Conduction
Mode (DCM) in switching regulator applications.
OUTPUT STAGE
A simplified version of the LTC7060’s output stage is
shown in Figure 2. The BG and TG design are symmetric
and they both have floating gate driver outputs. The pull-
up device is a PMOS with a typical 1.5Ω RDS(ON) and the
pull-down device is a NMOS with a typical 0.8Ω RDS(ON).
The wide driver supply voltage ranging from 4V to 14V
enables the driving of different power MOSFETs, such
as logic level or higher threshold MOSFETs. However,
the LTC7060 is optimized for higher threshold MOSFETs
(e.g. BST-SW = 10V and BGVCC-BGRTN = 10V). The driver
output pull-up and pull-down resistance may increase
with lower driver supply voltage.
Since the power MOSFETs generally account for the
majority of the power loss in a converter, it is important
to turn them on and off quickly, thereby minimizing the
transition time and power loss. The LTC7060’s typical
1.5Ω pull-up resistance and 0.8Ω pull-down resistance
are equivalent to 3A peak pull-up current and 6A peak pull
down current at a 10V driver supply. Both BG and TG can
produce a rapid turn-on transition for the MOSFETs with
capability of driving a 3.3nF load with 18ns rise time.
Furthermore, a strong pull-down on the driver outputs
prevents cross-conduction current. For example, in the
half-bridge configuration shown in Figure 2, when BG
turns the low side power MOSFET off and TG turns the
high side power MOSFET on, the voltage on the SW pin
could rise to VIN very rapidly. This high frequency posi-
tive voltage transient will couple through the CGD capaci-
tance of the low side power MOSFET to the BG pin. If the
BG pin is not held down sufficiently, the voltage on the
BG pin could rise above the threshold voltage of the low
side power MOSFET, momentarily turning it back on. As
a result, both the high side and low side MOSFETs would
be conducting, which would cause significant cross-con-
duction current to flow through the MOSFETs from VIN
to ground, thereby incurring substantial power loss and
potentially damaging the MOSFETs. For this reason, short
PCB traces for the BG and TG pins, which minimize the
parasitic inductances, are recommended.
PROTECTION CIRCUITRY
When using the LTC7060, care must be taken not to
exceed any of the ratings specified in the Absolute
Maximum Ratings section. As an added safeguard, the
LTC7060 incorporates overtemperature shutdown fea-
ture. If the junction temperature reaches approximately
180°C, the LTC7060 will enter thermal shutdown mode
and BG will be pulled to BGRTN; TG will be pulled to SW.
Normal operation will resume when the junction tempera-
ture cools down below 165°C. The overtemperature level
is not production tested. The LTC7060 is guaranteed to
operate below 150°C.
1.5
0.8
0.8
1.5
CGD
CGS
CGD
CGS
LTC7060
BST
TG
SW
BGVCC
BG
BGRTN
VIN
HIGH SIDE
POWER MOSFET
LOW SIDE
POWER MOSFET
7060 F02
Figure 2. Simplified Output Stage in Half-Bridge Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com