Electronic Components Datasheet Search
  English  ▼

X  

LTC4444 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4444
Description  100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4444 Datasheet(HTML) 1 Page - Analog Devices

  LTC4444 Datasheet HTML 1Page - Analog Devices LTC4444 Datasheet HTML 2Page - Analog Devices LTC4444 Datasheet HTML 3Page - Analog Devices LTC4444 Datasheet HTML 4Page - Analog Devices LTC4444 Datasheet HTML 5Page - Analog Devices LTC4444 Datasheet HTML 6Page - Analog Devices LTC4444 Datasheet HTML 7Page - Analog Devices LTC4444 Datasheet HTML 8Page - Analog Devices LTC4444 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC7060
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
100V Half-Bridge Driver with Floating
Grounds and Adjustable Dead-Time
The LTC®7060 drives two N-Channel MOSFETs in a
half-bridge configuration with supply voltages up to
100V. Both high-side and low-side drivers can drive the
MOSFETs with a different ground reference, providing
excellent noise and transient immunity.
Its powerful 0.8Ω pull-down and 1.5Ω pull-up MOSFET
drivers allows the use of large gate capacitance high volt-
age MOSFETs. Additional features include UVLO, Three-
State PWM input, adjustable turn-on/-off delays and
shoot-through protection.
See chart below for a similar driver in this product family.
PARAMETER
LTC7060
LTC7061
LTC7062
LTC7063
Input Signal
Three-State
PWM
CMOS/
TTL Logic
CMOS/
TTL Logic
Three-State
PWM
Shoot-Through
Protection
Yes
Yes
No
Yes
Absolute Max
Voltage
115V
115V
115V
155V
VCC Falling
UVLO
5.3V
4.3V
4.3V
5.3V
APPLICATIONS
n
Unique Symmetric Floating Gate Driver Architecture
n
High Noise Immunity,Tolerates ±10V Ground
Difference between Input and Output Grounds
n
100V Maximum Input Voltage Independent of IC
Supply Voltage VCC
n
6V to 14V VCC Operating Voltage
n
4V to 14V Gate Driver Voltage
n
0.8Ω Pull-Down, 1.5Ω Pull-Up for Fast Turn-On/Off
n
Adaptive Shoot-Through Protection
n
Programmable Dead-Time
n
Three-State PWM Input with Enable Pin
n
VCC UVLO/OVLO and Floating Supplies UVLO
n
Drives Dual N-Channel MOSFETs
n
Open-Drain Fault Indicator
n
Available in Thermally Enhanced 12-LEAD MSOP
n
AEC-Q100 Automotive Qualification in Progress
n
Automotive and Industrial Power Systems
n
Telecommunication Power Systems
n
Half-Bridge and Full-Bridge Converters
All registered trademarks and trademarks are the property of their respective owners.
51k
51k
SW
TG
BST
DT
PWM
FLT
EN
Vcc
BGVcc
BG
BGRTN
VIN
40V
VCC
10V
SW1
BGRTN
BG
BGVCC
FLT
EN
Vcc
BST
TG
SW
LTC7060
VIN
40V
VCC
10V
SW2
PWM
LTC7060
0V
5V
0V
40V
40V
0V
SGND
DT
PWM
SGND
7060 TA01


Similar Part No. - LTC4444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4444 LINER-LTC4444 Datasheet
189Kb / 12P
High Voltage Synchronous N-Channel MOSFET Driver
LTC4444 LINER-LTC4444 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4444 LINER-LTC4444 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4444 LINER-LTC4444 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
logo
Analog Devices
LTC4444 AD-LTC4444 Datasheet
617Kb / 14P
150V Dual High-Side MOSFET Gate Driver
More results

Similar Description - LTC4444

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
logo
Intersil Corporation
HIP2120 INTERSIL-HIP2120 Datasheet
418Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
December 23, 2011
ISL78420 INTERSIL-ISL78420 Datasheet
373Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
September 24, 2012
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
logo
Intersil Corporation
ISL78420ARTBZ-T INTERSIL-ISL78420ARTBZ-T Datasheet
374Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
January 24, 2014
ISL78420AVEZ INTERSIL-ISL78420AVEZ Datasheet
608Kb / 18P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
November 6, 2014
logo
Texas Instruments
LM5105 TI-LM5105_15 Datasheet
945Kb / 21P
LM5105 100V Half Bridge Gate Driver with Programmable Dead-Time
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
100V Half Bridge Gate Driver With Programmable Dead-Time
logo
Renesas Technology Corp
ISL78420 RENESAS-ISL78420 Datasheet
951Kb / 19P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com