Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
at VS+ = 5 V, VS– = 0 V, G = 7 V/V, RF = 453 Ω, input common-mode biased at midsupply, RL = 200 Ω, output load is
referenced to midsupply, and TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VOH
Output voltage (high)(2)
TA = 25°C, VS+ = 3.3 V
2.35
2.4
V
VOH
Output voltage (high)(2)
TA = 25°C
3.95
4.1
V
TA = –40°C to +125°C
4
VOL
Output voltage (low)(2)
TA = 25°C, VS+ = 3.3 V
1.05
1.15
V
VOL
Output voltage (low)(2)
TA = 25°C
1.05
1.15
V
TA = –40°C to +125°C
1.1
IO_LIN
Linear output drive (sink and source)
RL = 10 Ω, AOL > 60 dB
65
80
mA
TA = –40°C to +125°C, RL = 10 Ω, AOL > 60 dB
70
ISC
Output short-circuit current
85
105
mA
POWER SUPPLY
IQ
Quiescent current
16
17.8
19.5
mA
TA = –40°C
16.7
TA = 125°C
19.5
PSRR+
Positive power-supply rejection ratio
80
86
dB
PSRR–
Negative power-supply rejection ratio
70
80
POWER DOWN
Disable voltage threshold
Amplifier OFF below this voltage
0.65
1
V
Enable voltage threshold
Amplifier ON below this voltage
1.5
1.8
V
Power-down quiescent current
70
140
μA
PD bias current
70
140
μA
Turnon time delay
Time to VOUT = 90% of final value
15
ns
Turnoff time delay
120
ns
(1)
Current flowing into the input pin is considered negative
(2)
Amplifier output saturated
www.ti.com
OPA855-Q1
SBOSA57 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA855-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com