Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments OPA855 Datasheet HTML 23Page - Texas Instruments OPA855 Datasheet HTML 24Page - Texas Instruments OPA855 Datasheet HTML 25Page - Texas Instruments OPA855 Datasheet HTML 26Page - Texas Instruments OPA855 Datasheet HTML 27Page - Texas Instruments OPA855 Datasheet HTML 28Page - Texas Instruments OPA855 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
When configuring the OPA855-Q1 as a transimpedance amplifier additional care must be taken to minimize the
inductance between the avalanche photodiode (APD) and the amplifier. Always place the photodiode on the
same side of the PCB as the amplifier. Placing the amplifier and the APD on opposite sides of the PCB
increases the parasitic effects due to via inductance. APD packaging can be quite large which often requires the
APD to be placed further away from the amplifier than ideal. The added distance between the two device results
in increased inductance between the APD and op amp feedback network as shown in Figure 11-2. The added
inductance is detrimental to a decompensated amplifiers stability since it isolates the APD capacitance from the
noise gain transfer function. The noise gain is given by Equation 2. The added PCB trace inductance between
the feedback network increases the denominator in Equation 2 thereby reducing the noise gain and the phase
margin. In cases where a leaded APD in a TO can is used inductance should be further minimized by cutting the
leads of the TO can as short as possible.
The layout shown in Figure 11-2 can be improved by following some of the guidelines shown in Figure 11-3. The
two key rules to follow are:
• Add an isolation resistor RISO as close as possible to the inverting input of the amplifier. Select the value of
RISO to be between 10 Ω and 20 Ω. The resistor dampens the potential resonance caused by the trace
inductance and the amplifiers internal capacitance.
• Close the loop between the feedback elements (RF and CF) and RISO as close to the APD pins as possible.
This ensures a more balanced layout and reduces the inductive isolation between the APD and the feedback
network.
F
IN
Z
Noise Gain
1
Z
§
·
¨
¸
©
¹
(2)
where
• ZF is the total impedance of the feedback network.
• ZIN is the total impedance of the input network.
Vbias
CF
1
FB
8
PD
2
NC
7 VS+
3
IN±
6 OUT
4
IN+
5 VS±
Thermal
Pad
APD
Package
Trace inductance isolates
APD capacitance from the
amplifier noise gain
RF
Figure 11-2. Non-Ideal TIA Layout
Vbias
Place RISO close to IN±
Close the loop close
to APD pins
1
FB
8
PD
2
NC
7 VS+
3
IN±
6 OUT
4
IN+
5 VS±
Thermal
Pad
APD
Package
CF
RF
RISO
Figure 11-3. Improved TIA Layout
www.ti.com
OPA855-Q1
SBOSA57 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA855-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com