Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 1 Page - Texas Instruments

  OPA855 Datasheet HTML 1Page - Texas Instruments OPA855 Datasheet HTML 2Page - Texas Instruments OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
1 Features
• AEC-Q100 Qualified for Automotive Applications:
– Temperature grade 1: –40°C to +125°C, TA
• High Gain Bandwidth Product: 8 GHz
• Decompensated, Gain ≥ 7 V/V (Stable)
• Low Input Voltage Noise: 0.98 nV/√Hz
• Slew Rate: 2750 V/µs
• Low Input Capacitance:
– Common-Mode: 0.6 pF
– Differential: 0.2 pF
• Wide Input Common-Mode Range:
– 0.4 V from Positive Supply
– 1.1 V from Negative Supply
• 3 VPP Total Output Swing
• Supply Voltage Range: 3.3 V to 5.25 V
• Quiescent Current: 17.8 mA
• Package: 8-Pin WSON
• Temperature Range: –40°C to +125°C
2 Applications
• Automotive LIDAR
• Time of flight (ToF) Camera
• Optical Time Domain Reflectometry (OTDR)
• 3D Scanner
• Laser Distance Measurement
• Solid-State Scanning LIDAR
• Optical ToF Position Sensor
• Drone Vision
• Silicon Photomultiplier (SiPM) Buffer Amplifier
• Photomultiplier Tube Post Amplifier
3 Description
The OPA855-Q1 is a wideband, low-noise operational
amplifier
with
bipolar
inputs
for
wideband
transimpedance and voltage amplifier applications.
When the device is configured as a transimpedance
amplifier (TIA), the 8-GHz gain bandwidth product
(GBWP) enables high closed-loop bandwidths at
transimpedance gains of up to tens of kΩs.
The graph below shows the bandwidth and noise
performance of the OPA855-Q1 as a function of the
photodiode capacitance when the amplifier is
configured as a TIA. The total noise is calculated
along a bandwidth range extending from DC to the
calculated frequency (f) on the left scale. The
OPA855-Q1 package has a feedback pin (FB) that
simplifies the feedback network connection between
the input and the output.
The OPA855-Q1 is optimized to operate in optical
time-of-flight (ToF) systems where the OPA855-Q1 is
used with time-to-digital converters, such as the
TDC7201. Use the OPA855-Q1 to drive a high-speed
analog-to-digital converter (ADC) in high-resolution
LIDAR systems with a differential output amplifier,
such as the THS4541-Q1.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
OPA855-Q1
WSON (8)
2.00 mm × 2.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
+
±
VBIAS
CF
RF
3.8 V
5 V
+
±
VREF
TDC7201
(Time-to-
Digital
Converter)
Pulsed Laser
Diode
Rx
Lens
+
±
VBIAS
CF
RF
3.8 V
5 V
+
±
VREF
Tx
Lens
MSP430
Controller
Start 1
Stop 1
Start 2
Stop 2
OPA855
OPA855
TLV3501
TLV3501
High-Speed Time-of-Flight Receiver
Photodiode capacitance (pF)
0
2
4
6
8
10
12
14
16
18
20
50
0
100
20
150
40
200
60
250
80
300
100
350
120
400
140
450
160
D609
f-3dB, RF = 6 k:
f-3dB, RF = 12 k:
IRN, RF = 6 k:
IRN, RF = 12 k:
Photodiode Capacitance vs Bandwidth and Noise
www.ti.com
OPA855-Q1
SBOSA57 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: OPA855-Q1
OPA855-Q1
SBOSA57 – FEBRUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA855 TI1-OPA855 Datasheet
1Mb / 27P
8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
OPA855 TI1-OPA855 Datasheet
1Mb / 30P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
3Mb / 33P
OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
3Mb / 35P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI2-OPA855 Datasheet
2Mb / 41P
OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
REVISED MAY 2025
More results

Similar Description - OPA855

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK7002 IKSEMICON-IK7002 Datasheet
371Kb / 5P
Gain bandwidth product
logo
Texas Instruments
OPA858 TI1-OPA858 Datasheet
1Mb / 28P
5.5-GHz Gain Bandwidth Product Decompensated, FET Input Amplifier
OPA858 TI1-OPA858_18 Datasheet
2Mb / 31P
5.5-GHz Gain Bandwidth Product Decompensated, FET Input Amplifier
OPA855 TI1-OPA855 Datasheet
1Mb / 27P
8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
OPA855 TI1-OPA855_18 Datasheet
1Mb / 30P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA818 TI1-OPA818 Datasheet
641Kb / 27P
2.7-GHz, 13-V, Gain of 7-V/V Stable, FET-Input Operational Amplifier
OPA856 TI-OPA856 Datasheet
3Mb / 33P
OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
OPA858-Q1 TI-OPA858-Q1 Datasheet
1Mb / 30P
OPA858-Q1 5.5-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, FET Input Amplifier
OPA855-Q1 TI-OPA855-Q1_V01 Datasheet
3Mb / 35P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA858-Q1 TI-OPA858-Q1_V01 Datasheet
3Mb / 37P
OPA858-Q1 5.5-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, FET Input Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com