Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, RF = 453 Ω, Gain = 7 V/V, RL = 200 Ω, and output load referenced to
midsupply (unless otherwise noted)
Time (5 ns/div)
-60
-40
-20
0
20
40
60
D519
Input
Output
Average Rise and Fall Time (10% - 90%) = 300 ps
Rise and fall time limited by test equipment
Figure 6-19. Small-Signal Transient Response
Time (5 ns/div)
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
D520
Input
Output
Average Rise and Fall Time (10% - 90%) = 569 ps
Figure 6-20. Large-Signal Transient Response
Time (5 ns/div)
-75
-50
-25
0
25
50
75
D521
RS = 16.5 :, C L = 10 pF
RS = 8 :, C L = 47 pF
RS = 5.6 :, C L = 100 pF
RS = 1.6 :, C L = 1 nF
Figure 6-21. Small-Signal Transient Response vs Capacitive
Load
Time (2 ns/div)
-4
-3
-2
-1
0
1
2
3
4
D522
Ideal Output
Measured Output
2x Output Overdrive
Figure 6-22. Output Overload Response
Time (5 ns/div)
-3
-2
-1
0
1
2
3
D523
Power Down ( PD)
Output
Figure 6-23. Turnon Transient Response
Time (5 ns/div)
-3
-2
-1
0
1
2
3
D524
Power Down ( PD)
Output
Figure 6-24. Turnoff Transient Response
www.ti.com
OPA855-Q1
SBOSA57 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA855-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com