Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
6.6 Typical Characteristics
at TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, RF = 453 Ω, Gain = 7 V/V, RL = 200 Ω, and output load referenced to
midsupply (unless otherwise noted)
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
6
1M
10M
100M
1G
5G
D500
Gain = +7 V/V
Gain = 7 V/V
Gain = +10 V/V
Gain = +20 V/V
G = +39.2 V/V
VOUT = 100 mVPP; See Section 7 for circuit configuration
Figure 6-1. Small-Signal Frequency Response vs Gain
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
5G
D502
VS = 5 V
VS = 3.3 V
VOUT = 100 mVPP
Figure 6-2. Small-Signal Frequency Response vs Supply
Voltage
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
5G
D503
RL = 100 :
RL = 200 :
RL = 400 :
VOUT = 100 mVPP
Figure 6-3. Small-Signal Frequency Response vs Output Load
Frequency (Hz)
-9
-6
-3
0
3
1M
10M
100M
D504
TA = 40qC
TA = 0qC
TA = +25qC
TA = +85qC
TA = +125qC
Gain = 39.2 V/V, RF = 953 Ω
VOUT = 100 mVPP
Figure 6-4. Small-Signal Frequency Response vs Ambient
Temperature
Frequency (Hz)
-12
-10
-8
-6
-4
-2
0
2
4
1M
10M
100M
1G
D505
RS = 16.5 :, C L = 10 pF
RS = 8 :, C L = 47 pF
RS = 5.6 :, C L = 100 pF
RS = 1.6 :, C L = 1 nF
VOUT = 100 mVPP ; See Figure 7-3 for circuit configuration
Figure 6-5. Small-Signal Frequency Response vs Capacitive
Load
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
D506
Gain = +7 V/V
Gain = 7 V/V
Gain = +10 V/V
Gain = +20 V/V
VOUT = 2 VPP
Figure 6-6. Large-Signal Frequency Response vs Gain
OPA855-Q1
SBOSA57 – FEBRUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA855-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com