Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 12Page - Texas Instruments TLV841 Datasheet HTML 13Page - Texas Instruments TLV841 Datasheet HTML 14Page - Texas Instruments TLV841 Datasheet HTML 15Page - Texas Instruments TLV841 Datasheet HTML 16Page - Texas Instruments TLV841 Datasheet HTML 17Page - Texas Instruments TLV841 Datasheet HTML 18Page - Texas Instruments TLV841 Datasheet HTML 19Page - Texas Instruments TLV841 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
8.3.2.1 SENSE Hysteresis
The internal comparator has built-in hysteresis to avoid erroneous output reset release. If the voltage at the
SENSE (TLV841S) pin falls below VIT- the output reset is asserted. When the monitored voltage goes above VIT-
plus hysteresis (VHYS) the output reset is deasserted after tD delay.
VSENSE
Hystersis Width
VIT+
VIT-
RESET
RESET
VSENSE
Hystersis Width
VIT+
VIT-
Figure 8-3. Hysteresis Diagram
8.3.2.2 Immunity to SENSE Pin Voltage Transients
The TLV841S is immune to short voltage transient spikes or excursion on the SENSE pin. To further improve the
noise immunity on the SENSE pin, placing a 10-nF to 100-nF capacitor between the SENSE pin and GND can
reduce the sensitivity to sensitivity to transient voltages on the monitored signal.
Sensitivity to transients depends on both transient duration and overdrive (amplitude) on the transient voltage.
Overdrive is defined by how much VSENSE exceeds the specified threshold and is important to know because the
smaller the overdrive, the slower the resonse of the output. Threshold overdrive is calculated as a percent of the
threshold in question, as shown in Equation 2.
Overdrive = | ((VSENSE / VIT-) – 1) × 100% |
(2)
Overdrive
Pulse
Duration
V
SENSE
V
IT-
V
IT- + VHYS
Figure 8-4. Overdrive vs Pulse Duration
TLV841
SLVSFO5A – APRIL 2020 – REVISED JANUARY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com