Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 13Page - Texas Instruments TLV841 Datasheet HTML 14Page - Texas Instruments TLV841 Datasheet HTML 15Page - Texas Instruments TLV841 Datasheet HTML 16Page - Texas Instruments TLV841 Datasheet HTML 17Page - Texas Instruments TLV841 Datasheet HTML 18Page - Texas Instruments TLV841 Datasheet HTML 19Page - Texas Instruments TLV841 Datasheet HTML 20Page - Texas Instruments TLV841 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
8.3.3 User-Programmable Reset Time Delay for TLV841C only
The reset time delay can be set to a minimum value of 80 µs by leaving the CT pin floating, or a maximum value
of approximately 6.2 seconds by connecting 10 µF delay capacitor. The reset time delay (tD) can be
programmed by connecting a capacitor no larger than 10 µF between CT pin and GND.
The relationship between external capacitor (CCT_EXT) in Farads at CT pin and the time delay (tD) in seconds is
given by Equation 3.
tD = -ln (0.29) x RCT x CCT_EXT + tD (no cap)
(3)
Equation 3 is simplified to Equation 4 by plugging RCT and tD(no cap) given in Section 7.5 and Section 7.6:
tD = 618937 x CCT_EXT + 80µs
(4)
Equation 5 solves for external capacitor value (CCT_EXT) in units of Farads where tD is in units of seconds
CCT_EXT = (tD- 80µs) ÷ 618937
(5)
The recommended maximum delay capacitor for the TLV841C is limited to 10 µF as this ensures there is enough
time for the capacitor to fully discharge when a voltage fault occurs. When a voltage fault occurs, the previously
charged up capacitor discharges, and if the monitored voltage returns from the fault condition before the delay
capacitor discharges completely, the reset delay will be shorter than expected. The capacitor will begin charging
from a voltage above zero and resulting in shorter than expected time delays. Larger delay capacitors can be
used so long as the capacitor has enough time to fully discharge during the duration of the voltage fault. To
ensure the capacitor is fully discharged, the time period or duration of the voltage fault needs to be greater than
10% of the programmed reset time delay. Figure 8-5 displays the amount of percentage required to discharge
the delay capacitor relative to the VDD fault undervoltage.
VDD Fault Underoltage (V)
0.6
0.8
1
1.2
1.4
1.6
1.8
2
5
10
15
20
25
30
35
40
45
50
55
CTR_
25°C
Figure 8-5. CCT Discharge Time During Fault Condition (CCT = 1 µF)
www.ti.com
TLV841
SLVSFO5A – APRIL 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com