Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 17Page - Texas Instruments TLV841 Datasheet HTML 18Page - Texas Instruments TLV841 Datasheet HTML 19Page - Texas Instruments TLV841 Datasheet HTML 20Page - Texas Instruments TLV841 Datasheet HTML 21Page - Texas Instruments TLV841 Datasheet HTML 22Page - Texas Instruments TLV841 Datasheet HTML 23Page - Texas Instruments TLV841 Datasheet HTML 24Page - Texas Instruments TLV841 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The following sections describe in detail how to properly use this device, depending on the requirements of the
final application.
9.2 Typical Application
Design 1: Adjustable Voltage Supervisor with Push-Button Functionality
A typical application for the TLV841S is voltage rail monitoring with push-button functionality. In this design
application, the TLV841SADL01 is being used to monitor a 3.3 V power rail and will trigger a reset when the
voltage drops below 2.9 V or when the push-button is pressed. The reset output connects to an MCU for system
resetting or servicing the push-button.
TLV841SADL01
VDD
GND
RESET
SENSE
Push-button
input
Rpull-up
3.3V
47.5 k
10k
R1
R2
0.1 µF
30.1 k
0.1µF
Figure 9-1. Design 1 - Adjustable Voltage Supervisor with Push-Button Functionality Circuit
9.2.1 Design Requirements
The design requirements, described in Table 9-1, for this design has a defined reset threshold voltage of 2.9 V, a
reset delay of 40 μs and an output current no larger than 150 µA.
Table 9-1. Design Requirements
PARAMETER
DESIGN REQUIREMENTS
DESIGN RESULTS
Reset Asserting
Reset needs to assert when under the reset
condition of a button press or VDD ≤ 2.9 V.
Reset asserted when under the reset
condition of a button pressed or VDD ≤ 2.9 V.
Reset Asserting Timing
Reset output needs to assert when the reset
conditions are met for 20 μs, and needs to
de-assert after 40 μs of no reset conditions.
Reset output asserted when the reset
conditions were met for 26.4 μs and
deasserted after 46.8 μs of no reset
conditions.
Output Current
The output current must not exceed 150 µA.
The output current was 110 µA under the
reset condition.
www.ti.com
TLV841
SLVSFO5A – APRIL 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com