Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 3 Page - Texas Instruments

  TLV841 Datasheet HTML 1Page - Texas Instruments TLV841 Datasheet HTML 2Page - Texas Instruments TLV841 Datasheet HTML 3Page - Texas Instruments TLV841 Datasheet HTML 4Page - Texas Instruments TLV841 Datasheet HTML 5Page - Texas Instruments TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
5 Device Comparison
Figure 5-1 shows the device naming nomenclature to compare the different device variants. See Table 12-1 for a
more detailed explanation. See Table 12-2 for the available device variants.
TLV 841 X X XX XX XXX
Feature Op on
S: SENSE pin
C: Capacitor delay (CT)
M: Manual reset (MR)
Output Type
DL: Open-drain,
ac ve-low
PL: Push-pull,
ac ve-low
DH: Open-drain,
ac ve-high
PH: Push-pull,
ac ve-high
Detect Voltage Threshold
01: 0.505V
08: 0.8V
...
54: 5.4V
Delay Op on
A: 40 µs
B: 2 ms
C: 10 ms
D: 30 ms
E: 50 ms
F: 80 ms
G: 100 ms
H: 150 ms
I: 200 ms
Package
YBH: DSBGA (4-pin)
Figure 5-1. Device Naming Nomenclature
www.ti.com
TLV841
SLVSFO5A – APRIL 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com