Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 15Page - Texas Instruments TLV841 Datasheet HTML 16Page - Texas Instruments TLV841 Datasheet HTML 17Page - Texas Instruments TLV841 Datasheet HTML 18Page - Texas Instruments TLV841 Datasheet HTML 19Page - Texas Instruments TLV841 Datasheet HTML 20Page - Texas Instruments TLV841 Datasheet HTML 21Page - Texas Instruments TLV841 Datasheet HTML 22Page - Texas Instruments TLV841 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
8.3.5 Output Logic
8.3.5.1 RESET Output, Active-Low
RESET (Active-Low) applies to TLV841xxDL (Open-Drain) and TLV841xxPL (Push-Pull) hence the "L" in the
device name. RESET remains high (deasserted) as long as VDD/SENSE is above the negative threshold (VIT-)
and the MR pin is floating or above VMR_H. If VDD/SENSE falls below the negative threshold (VIT-) or if MR is
driven low, then RESET is asserted.
When MR is again logic high or floating and VDD/SENSE rise above VIT+ (VIT- + VHYS), the delay circuit will hold
RESET low for the specified reset time delay (tD). When the reset time delay has elapsed, the RESET pin goes
back to logic high voltage VOH.
The TLV841xxDL (Open-Drain) version, denoted with "D" in the device name, requires an external pull-up
resistor to hold RESET pin high. Connect the external pull-up resistor to the desired pull-up voltage source and
RESET can be pulled up to any voltage up to 6 V independent of the VDD voltage. To ensure proper voltage
levels, give some consideration when choosing the external pull-up resistor values. The external pull-up resistor
value determines the actual VOL, the output capacitive loading, and the output leakage current (Ilkg(OD)).
The Push-Pull variant (TLV841xxPL), denoted with "P" in the device name, does not require an external pull-up
resistor
8.3.5.2 RESET Output, Active-High
RESET (active-high), denoted with no bar above the pin label, applies only to TLV841xxDH (open-drain) and
TLV841xxPH (push-pull) active-high version, hence the "H" in the device name. RESET remains low
(deasserted) as long as VDD/SENSE is above the threshold (VIT-) and the manual reset signal ( MR) is floating
or above VMR_H. If VDD/SENSE falls below the negative threshold (VIT-) or if MR is driven low, then RESET is
asserted driving the RESET pin to high voltage VOH.
When MR is again logic high or floating and VDD/SENSE is above VIT+ (VIT- + VHYS) the delay circuit will hold
RESET high for the specified reset time delay (tD). When the reset time delay has elapsed, the RESET pin goes
back to low voltage VOL
The TLV841xxDH (Open-Drain) version, denoted with "D" in the device name, requires an external pull-up
resistor to hold RESET pin high. Connect the external pull-up resistor to the desired pull-up voltage source and
RESET can be pulled up to any voltage up to 6 V independent of the VDD voltage. To ensure proper voltage
levels, give some consideration when choosing the external pull-up resistor values. The external pull-up resistor
value determines the actual VOL, the output capacitive loading, and the output leakage current (Ilkg(OD)).
The Push-Pull variant (TLV841xxPH), denoted with "P" in the device name, does not require an external pull-up
resistor
www.ti.com
TLV841
SLVSFO5A – APRIL 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com