Electronic Components Datasheet Search
  English  ▼

X  

AD4695BCPZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD4695BCPZ
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4695BCPZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD4695BCPZ Datasheet HTML 56Page - Analog Devices AD4695BCPZ Datasheet HTML 57Page - Analog Devices AD4695BCPZ Datasheet HTML 58Page - Analog Devices AD4695BCPZ Datasheet HTML 59Page - Analog Devices AD4695BCPZ Datasheet HTML 60Page - Analog Devices AD4695BCPZ Datasheet HTML 61Page - Analog Devices AD4695BCPZ Datasheet HTML 62Page - Analog Devices AD4695BCPZ Datasheet HTML 63Page - Analog Devices AD4695BCPZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
AD4695/AD4696
Data Sheet
Rev. 0 | Page 60 of 96
APPLICATIONS INFORMATION
Figure 107 shows an example of the recommended connection
diagram for the AD4695/AD4696 companion circuitry.
The AD4695/AD4696 companion circuitry includes power
supplies, voltage reference circuitry, analog front-end signal
conditioning, and an SPI-compatible digital controller (plus
optional digital isolation). The following sections provide
recommendations and suggestions for selecting and connecting
the AD4695/AD4696 companion circuitry based on common
application requirements.
CREF
AD4695/AD4696
REF
100nF
AVDD
REFERENCE
CIRCUITRY
LDO_IN
1µF
VDD
LDO
LDO
REFGND
OR
VREF/2
100nF
CNV
CS
SCK
SDI
SDO
BSY_ALT_GP0
RESET
CS
SCLK
MOSI
MISO0
MISO1, GPIOx, IRQ
GPIO
CLOCK
VLOGIC
VIO
LDO
REFGND
IOGND
AGND
GND
+VS
+VS
–VS
REXT,0
CEXT,0
VIN0
+VS
–VS
REXT,15
CEXT,15
VIN15
IN0
IN15
1
2
+VS
–VS
REXT,COM
CEXT,COM
COM
3
1. DEDICATED +1.8V SUPPLY FOR VDD NOT REQUIRED WHEN USING INTERNAL LDO
2. REXT,X AND CEXT,X REPRESENT EXTERNAL INPUT RC FILTERS FOR ANALOG INPUT INx OR COM
3. DEDICATED ADC DRIVER FOR COM INPUT NOT REQUIRED IF CONNECTING COM TO REFGND
DIGITAL
HOST
ADA4807-x,
ADA4805-x
ADA4807-x,
ADA4805-x
ADA4807-x,
ADA4805-x
ADR4550,
ADR435
Figure 107. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com