Electronic Components Datasheet Search
  English  ▼

X  

AD4695BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD4695BCPZ
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4695BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD4695BCPZ Datasheet HTML 10Page - Analog Devices AD4695BCPZ Datasheet HTML 11Page - Analog Devices AD4695BCPZ Datasheet HTML 12Page - Analog Devices AD4695BCPZ Datasheet HTML 13Page - Analog Devices AD4695BCPZ Datasheet HTML 14Page - Analog Devices AD4695BCPZ Datasheet HTML 15Page - Analog Devices AD4695BCPZ Datasheet HTML 16Page - Analog Devices AD4695BCPZ Datasheet HTML 17Page - Analog Devices AD4695BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
AD4695/AD4696
Data Sheet
Rev. 0 | Page 14 of 96
900000
800000
700000
500000
600000
300000
400000
100000
200000
0
32764 32765 32766 32767 32768 32769
32771
32770
32772
ADC CODE
VREF = 5.0V
VREF = 2.5V
Figure 9. Histogram of a DC Input at Code Center, OSR = 1
50000
ADC CODE
VREF = 5.0V
VREF = 2.5V
5000
0
10000
15000
20000
25000
30000
35000
40000
45000
Figure 10. Histogram of a DC Input at Code Center, OSR = 64
1
4
16
64
OSR
112
92
94
96
98
100
102
104
106
108
110
Figure 11. Dynamic Range vs. OSR
600000
0
VREF = 5.0V
VREF = 2.5V
500000
300000
400000
100000
200000
32764
32765
32766
32767
32768
32769
32770
32771
ADC CODE
Figure 12. Histogram of a DC Input at Code Transition, OSR = 1
50000
ADC CODE
VREF = 5.0V
VREF = 2.5V
5000
0
10000
15000
20000
25000
30000
35000
40000
45000
Figure 13. Histogram of a DC Input at Code Transition, OSR = 64
674
668
0
10
TIME (SECONDS)
669
670
671
672
673
1
2
3
4
5
6
7
8
9
Figure 14. 1/f Noise (0.1 Hz to 10 Hz Bandwidth), 50 kSPS,
2500 Samples Averaged per Reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com