Electronic Components Datasheet Search
  English  ▼

X  

AD4695BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD4695BCPZ
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4695BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4695BCPZ Datasheet HTML 23Page - Analog Devices AD4695BCPZ Datasheet HTML 24Page - Analog Devices AD4695BCPZ Datasheet HTML 25Page - Analog Devices AD4695BCPZ Datasheet HTML 26Page - Analog Devices AD4695BCPZ Datasheet HTML 27Page - Analog Devices AD4695BCPZ Datasheet HTML 28Page - Analog Devices AD4695BCPZ Datasheet HTML 29Page - Analog Devices AD4695BCPZ Datasheet HTML 30Page - Analog Devices AD4695BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
Data Sheet
AD4695/AD4696
Rev. 0 | Page 27 of 96
Table 8. Output Codes and Ideal Input Voltages, VREF = 5 V, OSR = 4
Description
Input Voltage in
Unipolar Mode
Digital Output Code
(Straight Binary)
Input Voltage in Pseudo
Bipolar Mode
Digital Output Code (Twos
Complement)
FSR − 1 LSB
4.999962 V
0x1FFFF
2.499962 V
0x0FFFF
Midscale + 1 LSB
2.500038 V
0x10001
38.1 μV
0x00001
Midscale
2.5 V
0x10000
0 V
0x00000
Midscale − 1 LSB
2.499962 V
0x0FFFF
−38.1 μV
0x1FFFF
−FSR + 1 LSB
38.1 μV
0x00001
−2.499962 V
0x10001
−FSR
0 V
0x00000
−2.5 V
0x10000
Table 9. Output Codes and Ideal Input Voltages, VREF = 5 V, OSR = 16
Description
Input Voltage in
Unipolar Mode
Digital Output Code
(Straight Binary)
Input Voltage in Pseudo
Bipolar Mode
Digital Output Code (Twos
Complement)
FSR − 1 LSB
4.999981 V
0x3FFFF3
2.499981 V
0x1FFFF
Midscale + 1 LSB
2.500019 V
0x20001
19.1 μV
0x00001
Midscale
2.5 V
0x20000
0 V
0x00000
Midscale − 1 LSB
2.499981 V
0x1FFFF
−19.1 μV
0x3FFFF
−FSR + 1 LSB
19.1 μV
0x00001
−2.499981 V
0x20001
−FSR
0 V
0x000004
−2.5 V
0x20000
Table 10. Output Codes and Ideal Input Voltages, VREF = 5 V, OSR = 64
Description
Input Voltage in
Unipolar Mode
Digital Output Code
(Straight Binary)
Input Voltage in Pseudo
Bipolar Mode
Digital Output Code (Twos
Complement)
FSR − 1 LSB
4.999910 V
0x7FFFF3
2.499990 V
0x3FFFF
Midscale + 1 LSB
2.500010 V
0x40001
9.54 μV
0x00001
Midscale
2.5 V
0x40000
0 V
0x00000
Midscale − 1 LSB
2.499990 V
0x3FFFF
−9.54 μV
0x7FFFF
−FSR + 1 LSB
9.54 μV
0x00001
−2.499990 V
0x40001
−FSR
0 V
0x000004
−2.5 V
0x40000
ANALOG INPUTS
Figure 64 shows an equivalent circuit of the AD4695/AD4696
analog inputs (IN0 to IN15 and COM).
CEXT
REXT
VIN
REF
D1
IN0 TO IN15,
COM
REFGND
OV
CLAMP
RIN
CDAC
D2
CPIN
Figure 64. Equivalent Analog Input Circuit
A low crosstalk analog multiplexer routes the signals from the
analog input pins to the ADC core inputs. The impedance of the
analog inputs are modeled as the parallel combination of the
pin capacitance (CPIN) and the network formed by the series
connection of RIN and CDAC. RIN represents the ADC input series
resistance and the multiplexer switch resistance and is typically
240 Ω. CDAC represents the ADC sampling capacitive DAC shown
in Figure 61, and is typically 60 pF.
Each analog input has a unique overvoltage protection clamp
circuit, represented by OV clamp in Figure 64. The clamps
protect the analog inputs from dc overvoltage conditions and
eliminate the need for additional external protection diodes. See
the Input Overvoltage Protection Clamps section for a detailed
description of the overvoltage protection clamps.
REXT and CEXT in Figure 64 represent an external, RC low-pass
filter, which is included in the system design to limit the bandwidth
of the input signal. REXT can also be used to improve overvoltage
protection of the analog inputs. See the External RC Filter section
for detailed descriptions of the REXT and CEXT functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com